Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6375 Datasheet(PDF) 21 Page - Linear Technology

Part # LT6375
Description  270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6375 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT6375 Datasheet HTML 17Page - Linear Technology LT6375 Datasheet HTML 18Page - Linear Technology LT6375 Datasheet HTML 19Page - Linear Technology LT6375 Datasheet HTML 20Page - Linear Technology LT6375 Datasheet HTML 21Page - Linear Technology LT6375 Datasheet HTML 22Page - Linear Technology LT6375 Datasheet HTML 23Page - Linear Technology LT6375 Datasheet HTML 24Page - Linear Technology LT6375 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT6375
21
6375fa
For more information www.linear.com/LT6375
APPLICATIONS INFORMATION
Assuming a thermal resistance of 43°C/W, the die tem-
perature will experience a 34°C rise above ambient. This
impliesthatthemaximumambienttemperaturetheLT6375
should operate under the above conditions is:
TA =150°C – 34°C = 116°C
Keep in mind that the DFN package has an exposed pad
which can be used to lower the
θJA of the package. The
more PCB metal connected to the exposed pad, the lower
the thermal resistance.
The MSOP package has no exposed pad and a higher
thermal resistance (
θJA = 130°C/W). It should not be used
in applications which have a high ambient temperature,
require driving a heavy load, or require an extreme input
voltage.
THERMAL SHUTDOWN
For safety, the LT6375 will enter shutdown mode when
the die temperature rises to approximately 163°C. This
thermal shutdown has approximately 9°C of hysteresis
requiring the die temperature to cool 9°C before enabling
the amplifier again.
USE AT OTHER PRECISION DC GAINS
The array of resistors within the LT6375 provides numer-
ous configurable connections that provide precision gains
other than the unity differential gain options described
previously. Note that only the +IN and –IN pins can oper-
ate outside of the supply window. Since most of these
alternate configurations involve driving the REFx pins, as
well as the +IN and –IN pins, the input signals must be
less than the supply voltages. Fully differential gains are
available as shown in Table 9, and may be output-shifted
with a REF offset signal. These configurations allow the
LT6375 to be used as a versatile precision gain block with
essentially no external components besides the supply
decoupling. In most cases, only a single positive supply
will be required. In Table 9, connections are identified as
NC (no connect), INPUT (refers to both inputs driven,
+signalto+pins,–signalto–pins),CROSS(referstoinputs
cross-coupled, +signal to –pins, –signal to +pins), OUT
(refers to the output fed back to –pins), or REF (refers to
connectingtheREFpinto+pins).Thesameconfigurations
provide inverting gains by grounding any pins intended
for the +signal source. The differential input resistance is
also tabulated as well as the amplification factor of the
internal gain section involved (noise-gain, which helps to
estimate the error-budget of the configuration).
Single-ended noninverting gains are also available as
shown in Table 10, including many that operate as buffers
(loaded only by the op amp input bias). A rich option set
exists by using the REF pin as an additional variable. Two
attenuation options exist that can accept signals outside
the power supply range since they only drive the +IN pin.
In Table 10, connections are identified as NC (no connect),
INPUT (driven by the input), OUT (fed back from the
output), or GROUND (grounded). Table 10 also includes
tabulations of the internal resistor divider (DIV), noise
gain (re-amplification), and the input loading presented
by the circuit.
USE AS PRECISION AC GAIN BLOCK
In AC-coupled applications operating from a single power
supply, it is useful to set the output voltage at mid-supply
to maximize dynamic range. The LT6375 readily supports
this with no additional biasing components by connecting
specific pins to the V+ and V– potentials and AC-coupling
the signal paths. Table 11 shows the available inverting
gains and also tabulates the load resistances presented at
the input. In Table 11, connections are identified as NC (no
connect), AC IN (AC-coupled to the input) OUT (fed back
from the output), tied to V+, tied to V–, or AC GND (AC-
grounded). All pins that require an AC ground can share
a single bypass capacitor. Likewise, all pins driven from
the source signal may share a coupling capacitor as well.
The output should also connect to the load circuitry using
a coupling capacitor to block the mid-supply DC voltage.
The LT6375 may also be used for single-supply nonin-
verting AC gains by employing a combination of input
attenuation and re-amplification. With numerous choices
ofattenuationandre-amplification,severalhundredoverall
gain combinations are possible, ranging from 0.167 to 23.
ThecombinationsaremoreplentifulthantheDCconfigura-
tions because there is no constraint on matching internal
source resistances to minimize offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com