Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4905L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4905L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4905L Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4905L Datasheet HTML 3Page - Infineon Technologies AG TLE4905L Datasheet HTML 4Page - Infineon Technologies AG TLE4905L Datasheet HTML 5Page - Infineon Technologies AG TLE4905L Datasheet HTML 6Page - Infineon Technologies AG TLE4905L Datasheet HTML 7Page - Infineon Technologies AG TLE4905L Datasheet HTML 8Page - Infineon Technologies AG TLE4905L Datasheet HTML 9Page - Infineon Technologies AG TLE4905L Datasheet HTML 10Page - Infineon Technologies AG TLE4905L Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L; TLE 4945-2L
Data Sheet
7
2000-07-01
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
j =25 °C and
the given supply voltage.
AC/DC Characteristics
3.8 V
≤ V
S ≤ 24 V; – 40 °C ≤ Tj ≤ 150 °C
Parameter
Symbol
Limit Values
Unit Test Condition
Test
Circuit
min.
typ.
max.
Supply current
I
SHigh
I
SLow
–
–
3
4
7
8
mA
mA
B <
B
RP
B >
B
OP
1
1
Output saturation
voltage
V
QSat
–
0.25
0.5
V
I
Q = 40 mA
1
Output leakage
current
I
QL
––10
µA
V
Q = 24 V
1
Rise/fall time
t
r / tf
––1
µs
R
L = 1.2 kΩ
C
L ≤ 33 pF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com