Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4905L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4905L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4905L Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4905L Datasheet HTML 1Page - Infineon Technologies AG TLE4905L Datasheet HTML 2Page - Infineon Technologies AG TLE4905L Datasheet HTML 3Page - Infineon Technologies AG TLE4905L Datasheet HTML 4Page - Infineon Technologies AG TLE4905L Datasheet HTML 5Page - Infineon Technologies AG TLE4905L Datasheet HTML 6Page - Infineon Technologies AG TLE4905L Datasheet HTML 7Page - Infineon Technologies AG TLE4905L Datasheet HTML 8Page - Infineon Technologies AG TLE4905L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L; TLE 4945-2L
Data Sheet
3
2000-07-01
Circuit Description
The circuit includes Hall generator, amplifier and Schmitt-Trigger on one chip. The
internal reference provides the supply voltage for the components. A magnetic field
perpendicular to the chip surface induces a voltage at the hall probe. This voltage is
amplified and switches a Schmitt-trigger with open-collector output. A protection diode
against reverse power supply is integrated. The output is protected against electrical
disturbances.
Figure 2
Block Diagram
AEB01243
Hall-
Generator
V
S
V
Ref
Output
Stage
Schmitt-
Trigger
Amplifier
Threshold
Generator
V
S
1
Q
3
2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com