Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV921
Description  Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV921 Datasheet(HTML) 2 Page - Texas Instruments

  LMV921 Datasheet HTML 1Page - Texas Instruments LMV921 Datasheet HTML 2Page - Texas Instruments LMV921 Datasheet HTML 3Page - Texas Instruments LMV921 Datasheet HTML 4Page - Texas Instruments LMV921 Datasheet HTML 5Page - Texas Instruments LMV921 Datasheet HTML 6Page - Texas Instruments LMV921 Datasheet HTML 7Page - Texas Instruments LMV921 Datasheet HTML 8Page - Texas Instruments LMV921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OBSOLETE
LMV921, LMV922, LMV924
SNOS436H – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ESD Tolerance(3)
Machine Model
100V
Human Body Model
2000V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V+–V −)
5.5V
Output Short Circuit to V+(4)
Output Short Circuit to V−(4)
Storage Temperature Range
−65°C to 150°C
Junction Temperature(5)
150°C
Mounting Temp.
Infrared or Convection (20 sec)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human body model, 1.5 k
Ω in series with 100pF. Machine model, 200Ω in series with 100 pF.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45mA over long term may adversely affect
reliability.
(5)
The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
OPERATING RATINGS
(1)
Supply Voltage
1.5V to 5.0V
Temperature Range
−40°C ≤ TJ ≤
85°C
Thermal Resistance (
θJA)
Ultra Tiny SC70-5 Package
5-Pin Surface Mount
440 °C/W
Tiny SOT-23-5 Package
5-Pin Surface Mount
265 °C/W
VSSOP Package
8-Pin Surface Mount
235°C/W
TSSOP Package
14-Pin Surface Mount
155°C/W
SOIC Package
8-Pin Surface Mount
175°C/W
14-Pin Surface Mount
127°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV921 LMV922 LMV924



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com