Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV921
Description  Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV921 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV921 Datasheet HTML 9Page - Texas Instruments LMV921 Datasheet HTML 10Page - Texas Instruments LMV921 Datasheet HTML 11Page - Texas Instruments LMV921 Datasheet HTML 12Page - Texas Instruments LMV921 Datasheet HTML 13Page - Texas Instruments LMV921 Datasheet HTML 14Page - Texas Instruments LMV921 Datasheet HTML 15Page - Texas Instruments LMV921 Datasheet HTML 16Page - Texas Instruments LMV921 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
OBSOLETE
LMV921, LMV922, LMV924
www.ti.com
SNOS436H – AUGUST 2000 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
*For large signal pulse response in the unity gain follower configuration, the input is 5mV below the positive rail and 5mV
above the negative rail at 25°C and 85°C. At
−40°C, input is 10mV below the positive rail and 10mV above the negative rail.
Small Signal Inverting Response
Small Signal Non-Inverting Response
Figure 31.
Figure 32.
Small Signal Non-Inverting Response
Small Signal Non-Inverting Response
Figure 33.
Figure 34.
Small Signal Inverting Response
Small Signal Inverting Response
Figure 35.
Figure 36.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV921 LMV922 LMV924



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com