Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4905 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4905
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4905 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4905 Datasheet HTML 4Page - Infineon Technologies AG TLE4905 Datasheet HTML 5Page - Infineon Technologies AG TLE4905 Datasheet HTML 6Page - Infineon Technologies AG TLE4905 Datasheet HTML 7Page - Infineon Technologies AG TLE4905 Datasheet HTML 8Page - Infineon Technologies AG TLE4905 Datasheet HTML 9Page - Infineon Technologies AG TLE4905 Datasheet HTML 10Page - Infineon Technologies AG TLE4905 Datasheet HTML 11Page - Infineon Technologies AG TLE4905 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L; TLE 4945-2L
Data Sheet
8
2000-07-01
Magnetic Characteristics
3.8 V
≤ V
S ≤ 24 V
Parameter
Symbol
Limit Values
Unit
TLE 4905
unipolar
TLE 4935
bipolar
latch
TLE 4935-2
bipolar
latch
TLE 4945
bipolar
switch
TLE 4945-2
bipolar
switch
min. max. min. max. min. max. min. max. min. max.
Junction Temperature T
j = – 40 °C
Turn-ON
induction
Turn-OFF
induction
Hysteresis
(B
OP-BRP)
B
OP
B
RP
∆B
HY
7.5
5.5
2
19
17
6.5
10
–20
20
20
–10
40
15
– 27
30
27
– 15
54
– 6
– 10
2
10
6
10
– 3
– 6
1
6
3
5
mT
mT
mT
Junction Temperature T
j = 25 °C
Turn-ON
induction
Turn-OFF
induction
Hysteresis
(B
OP-BRP)
B
OP
B
RP
∆B
HY
7
5
2
18
16
6
10
–20
20
20
–10
40
14
– 26
28
26
– 14
52
– 6
– 10
2
10
6
10
– 3
– 6
1
6
3
5
mT
mT
mT
Junction Temperature T
j = 85 °C
Turn-ON
induction
Turn-OFF
induction
Hysteresis
(B
OP-BRP)
B
OP
B
RP
∆B
HY
6.5
4.5
2
17.5
15
5.5
10
– 20
20
20
– 10
40
13
– 26
26
26
– 13
52
– 6
– 10
2
10
6
10
– 3
– 6
1
6
3
5
mT
mT
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com