Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4905 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4905
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4905 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4905 Datasheet HTML 1Page - Infineon Technologies AG TLE4905 Datasheet HTML 2Page - Infineon Technologies AG TLE4905 Datasheet HTML 3Page - Infineon Technologies AG TLE4905 Datasheet HTML 4Page - Infineon Technologies AG TLE4905 Datasheet HTML 5Page - Infineon Technologies AG TLE4905 Datasheet HTML 6Page - Infineon Technologies AG TLE4905 Datasheet HTML 7Page - Infineon Technologies AG TLE4905 Datasheet HTML 8Page - Infineon Technologies AG TLE4905 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
P-SSO-3-2
Data Sheet
1
2000-07-01
Uni- and Bipolar Hall IC Switches for
Magnetic Field Applications
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L;
TLE 4945-2L
Bipolar IC
TLE 4905/35/35-2/45/45-2 L (Unipolar/Bipolar Magnetic Field Switches) have been
designed specifically for automotive and industrial applications. Reverse polarity
protection is included on-chip as is output protection against negative voltage transients.
Typical applications are position/proximity indicators, brushless DC motor commutation,
rotational indexing etc.
Type
Marking
Ordering Code
Package
TLE 4905 L
05 L
Q67006-A9120
P-SSO-3-2
TLE 4935 L
35 L
Q67006-A9112
P-SSO-3-2
TLE 4935-2 L
35 2
Q67006-A9143
P-SSO-3-2
TLE 4945 L
45 L
Q67006-A9163
P-SSO-3-2
TLE 4945-2L
45 2
Q62705-K441
P-SSO-3-2
Features
• Temperature compensated magnetic performance
• Digital output signal
• For unipolar and alternating magnetic fields
• Large temperature range
• Protection against reversed polarity
• Output protection against electrical disturbances


Similar Part No. - TLE4905

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4905 SIEMENS-TLE4905 Datasheet
115Kb / 13P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
TLE4905 SIEMENS-TLE4905 Datasheet
264Kb / 15P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
logo
Infineon Technologies A...
TLE4905 INFINEON-TLE4905 Datasheet
84Kb / 13P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
logo
Siemens Semiconductor G...
TLE4905G SIEMENS-TLE4905G Datasheet
115Kb / 13P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
logo
Infineon Technologies A...
TLE4905G INFINEON-TLE4905G Datasheet
84Kb / 13P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
More results

Similar Description - TLE4905

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
Hall IC for alternative magnetic field
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
Hall IC for alternative magnetic field SOH-4D type
logo
Sharp Corporation
LT230A SHARP-LT230A Datasheet
22Kb / 2P
GaAs Hall IC for Noncontact Switch (Unidirestional magnetic field-type)
LT253A SHARP-LT253A Datasheet
23Kb / 2P
GaAs Hall IC for Noncontact Swich(Unidirectional magnetic field-type)
logo
Siemens Semiconductor G...
TLE4905G SIEMENS-TLE4905G Datasheet
115Kb / 13P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
TLE4905L SIEMENS-TLE4905L Datasheet
264Kb / 15P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
logo
Infineon Technologies A...
TLE4905G INFINEON-TLE4905G Datasheet
84Kb / 13P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
TLE4905L INFINEON-TLE4905L_07 Datasheet
507Kb / 20P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.5, Nov. 2007
TLE4905G INFINEON-TLE4905G_07 Datasheet
442Kb / 17P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.3, Dec 2007
TLE4945LHALA1 INFINEON-TLE4945LHALA1 Datasheet
507Kb / 20P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.5, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com