Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4942 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4942
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4942 Datasheet HTML 2Page - Infineon Technologies AG TLE4942 Datasheet HTML 3Page - Infineon Technologies AG TLE4942 Datasheet HTML 4Page - Infineon Technologies AG TLE4942 Datasheet HTML 5Page - Infineon Technologies AG TLE4942 Datasheet HTML 6Page - Infineon Technologies AG TLE4942 Datasheet HTML 7Page - Infineon Technologies AG TLE4942 Datasheet HTML 8Page - Infineon Technologies AG TLE4942 Datasheet HTML 9Page - Infineon Technologies AG TLE4942 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TLE4942, TLE4942C
TLE4942 - TLE4942C Data Sheet
February 2002
6
Circuit Description
The circuit is supplied internally by a voltage regulator. An on-chip oscillator serves
as a clock generator for the DSP and the output encoder.
Speed signal circuitry:
TLE4942 speed signal path comprises of a pair of Hall Effect probes, separated from
each other by 2.5mm, a differential amplifier including noise limiting low-pass filter,
and a comparator triggering a switched current output stage. An offset cancellation
feedback loop is provided through a signal-tracking A/D converter, a digital signal
processor (DSP), and an offset cancellation D/A converter.
During the power-up phase (uncalibrated mode) the output is disabled.
The differential input signal is digitized in the speed A/D converter and fed into the
DSP part of the circuit. The minimum and maximum values of the input signal are
extracted and their corresponding arithmetic mean value is calculated. The offset of
this mean value is determined and fed into the offset cancellation DAC.
After successful correction of the offset, the output switching is enabled.
In running mode (calibrated mode) the offset correction algorithm of the DSP is
switched into a low-jitter mode, thereby avoiding oscillation of the offset DAC LSB.
Switching occurs at zero-crossover. It is only affected by the small residual offset of
the comparator and by the propagation delay time of the signal path, which is mainly
determined by the noise limiting filter. Signals which are below a predefined threshold
∆B
Limit are not detected. This prevents unwanted switching.
The comparator also detects whether the signal amplitude exceeds
∆B
Warning or
∆B
EL.
This information is fed into the DSP and the output encoder. The pulse length of the
High output current is generated according to the rotational speed, the direction of
rotation and the magnetic field strength.
Direction signal circuitry:
The differential signal between a third Hall probe and the mean of the differential Hall
probe pair is obtained from the direction input amplifier. This signal is digitized by the
direction ADC and fed into the DSP circuitry. There, the phase of the signal referring
to the speed signal is analyzed and the direction information is forwarded to the
output encoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com