Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4942 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4942
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4942 Datasheet HTML 7Page - Infineon Technologies AG TLE4942 Datasheet HTML 8Page - Infineon Technologies AG TLE4942 Datasheet HTML 9Page - Infineon Technologies AG TLE4942 Datasheet HTML 10Page - Infineon Technologies AG TLE4942 Datasheet HTML 11Page - Infineon Technologies AG TLE4942 Datasheet HTML 12Page - Infineon Technologies AG TLE4942 Datasheet HTML 13Page - Infineon Technologies AG TLE4942 Datasheet HTML 14Page - Infineon Technologies AG TLE4942 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TLE4942, TLE4942C
TLE4942 - TLE4942C Data Sheet
February 2002
11
tr
tf
I
IHigh
ILow
t
90%
50%
10%
t1
Figure 6
Definition of rise and fall time
Timing Characteristics
Limit values
Unit
Parameter
Symbol
Min
Typ
Max
Remarks
Pre-low length
tpre-low
38
45
52
µs
Length of Warning pulse
tWarning
38
45
52
µs
Length of DR-L pulse
tDR-L
76
90
104
µs
Length of DR-R pulse
tDR-R
153
180
207
µs
Length of DR-L & EL
pulse
tDR-L&EL
306
360
414
µs
Length of DR-R & EL
pulse
tDR-R&EL
616
720
828
µs
Output of EL pulse,
maximum frequency
f EL, max
117
Hz
Length of stand still pulse
tstop
1.232
1.44
1.656
ms
Def. Fig.9
Stand still period
1)
Tstop
590
737
848
ms
Def. Fig. 9
1) If no magnetic switching edge is detected for a period longer than T
stop, the stand
still pulse is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com