Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4966H Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4966H
Description  High Precision Hall-Effect Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966H Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4966H Datasheet HTML 2Page - Infineon Technologies AG TLE4966H Datasheet HTML 3Page - Infineon Technologies AG TLE4966H Datasheet HTML 4Page - Infineon Technologies AG TLE4966H Datasheet HTML 5Page - Infineon Technologies AG TLE4966H Datasheet HTML 6Page - Infineon Technologies AG TLE4966H Datasheet HTML 7Page - Infineon Technologies AG TLE4966H Datasheet HTML 8Page - Infineon Technologies AG TLE4966H Datasheet HTML 9Page - Infineon Technologies AG TLE4966H Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TLE4966H
Data Sheet
6/11
2003-11-20
Magnetic Characteristics
over operating range, unless otherwise specified. Typical values correspond to VS=12V.
Parameter
Symbol Tj [°C]
min.
typ.
max.
Unit
Conditions
Operate Point
TLE4966H
BOP
-40
25
150
5.2
5.0
4.7
7.7
7.5
7.1
10.3
10.0
9.5
mT
Release Point
TLE4966H
BRP
-40
25
150
-10.3
-10.0
-9.5
-7.7
-7.5
-7.1
-5.2
-5.0
-4.7
mT
Hysteresis
TLE4966H
BHYS
-40
25
150
-
10.0
-
-
15.0
-
-
20.0
-
mT
Magnetic Matching
TLE4966H
Bmatch
-40
25
150
-
-3.0
-
-
0
-
-
3.0
-
mT
Valid for BOP1-BOP2
and BRP1-BRP2
Magnetic Offset
TLE4966H
BOFF
-40
25
150
-
-3.0
-
-
0
-
-
3.0
-
mT
(BOP+BRP)/2
Temperature
Compensation of
Magnetic Thresholds
TC
-
-
-350
-
ppm/°C
Positive magnetic fields related with south pole of magnet to the branded side of package.
Note:
Typical characteristics specify mean values expected over the production spread.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com