Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4966H Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4966H
Description  High Precision Hall-Effect Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966H Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4966H Datasheet HTML 3Page - Infineon Technologies AG TLE4966H Datasheet HTML 4Page - Infineon Technologies AG TLE4966H Datasheet HTML 5Page - Infineon Technologies AG TLE4966H Datasheet HTML 6Page - Infineon Technologies AG TLE4966H Datasheet HTML 7Page - Infineon Technologies AG TLE4966H Datasheet HTML 8Page - Infineon Technologies AG TLE4966H Datasheet HTML 9Page - Infineon Technologies AG TLE4966H Datasheet HTML 10Page - Infineon Technologies AG TLE4966H Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TLE4966H
Data Sheet
7/11
2003-11-20
Timing diagrams for the speed and direction outputs
Figure 3: Timing definition of the speed signal
Figure 4: Timing Definition of the Direction Signal
td
tf
tr
90 %
10%
V Q
B OP
B RP
td
Ap p lie d
ma g n e tic
fie ld



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com