Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4976L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4976L
Description  High Precision Hall-Effect Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4976L Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4976L Datasheet HTML 1Page - Infineon Technologies AG TLE4976L Datasheet HTML 2Page - Infineon Technologies AG TLE4976L Datasheet HTML 3Page - Infineon Technologies AG TLE4976L Datasheet HTML 4Page - Infineon Technologies AG TLE4976L Datasheet HTML 5Page - Infineon Technologies AG TLE4976L Datasheet HTML 6Page - Infineon Technologies AG TLE4976L Datasheet HTML 7Page - Infineon Technologies AG TLE4976L Datasheet HTML 8Page - Infineon Technologies AG TLE4976L Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLE4976L
Data Sheet
5/9
2003-11-20
AC/DC Characteristics
over operating range, unless otherwise specified. Typical values correspond to VS=12V
and TA=25°C.
Parameter
Symbol
min.
typ.
max.
Unit
Conditions
Supply Current low
ISlow
5
6
7
mA
B>Brp; VS = 3.0V .. 18V
Supply Current high
IShigh
12
14
17
mA
B<Bop; VS = 3.0V .. 18V
Reverse Current
ISR
0
-
0.2
mA
VS= -18V
Output Fall Time
tf
0.4
1.6
µs
RS= 100 Ohm; Figure 3
Output Rise Time
tr
0.4
1.6
µs
RS= 100 Ohm; Figure 3
Chopper Frequency
fOSC
-
320
-
kHz
Switching Frequency
fSW
0
-
15
1)
kHz
Delay Time
2
td
-
13
-
µs
Output Jitter
3
TQJ
-
1
-
µsRMS Typ. Value for Square-Wave
Signal 1kHz
Repeatability of magnetic
thresholds
4
BREP
-
40
-
µTRMS Typ. Value for
∆B/∆t>12mT/ms
Power-On Time
5
tPON
-
13
-
µs
VS >= 3.0V
Thermal Resistance
6
P-SSO-3-2
RthJA
-
-
190
K/W
1) To operate the sensor at the max. switching frequency, the value of the magnetic signal
amplitude must be 1.4 times higher than for static fields. This is due to the -3dB corner frequency
of the low pass filter in the signal path.
2) Systematic delay between magnetic threshold reached and output switching.
3) Jitter is the unpredictable deviation of the output switching delay.
4) B
REP is equivalent to the noise constant.
5) Time from applying V
S >= 3.0 V to the sensor until the output state is valid.
6) Thermal resistance from junction to ambient.
e.g.: VS=12.0 V, RS=100 Ohms, IShigh_typ=14 mA => Power Dissipation Pdis=148.4 mW.
In TA = Tj – (RthJA * Pdis) = 175 °C – (190 K/W * 0.1484 W) => TA = 146.8 °C
Magnetic Characteristics
over operating range, unless otherwise specified. Typical values correspond to VS=12V.
Parameter
Symbol Tj [°C]
min.
typ.
max.
Unit
Conditions
Operate Point
TLE4976L
BOP
-40
25
150
1.1
1.0
0.9
4.1
4.0
3.8
6.1
6.0
5.8
mT
Release Point
TLE4976L
BRP
-40
25
150
3.1
3.0
2.9
6.1
6.0
5.8
8.2
8.0
7.7
mT
Hysteresis
TLE4976L
BHYS
-40
25
150
-
0.5
-
-
2.0
-
-
3.5
-
mT
Temperature
Compensation of
Magnetic Thresholds
TC
-
-
-200
-
ppm/°C
Positive magnetic fields related with south pole of magnet to the branded side of package.
Note:
Typical characteristics specify mean values expected over the production spread.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com