Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4976L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4976L
Description  High Precision Hall-Effect Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4976L Datasheet(HTML) 7 Page - Infineon Technologies AG

  TLE4976L Datasheet HTML 1Page - Infineon Technologies AG TLE4976L Datasheet HTML 2Page - Infineon Technologies AG TLE4976L Datasheet HTML 3Page - Infineon Technologies AG TLE4976L Datasheet HTML 4Page - Infineon Technologies AG TLE4976L Datasheet HTML 5Page - Infineon Technologies AG TLE4976L Datasheet HTML 6Page - Infineon Technologies AG TLE4976L Datasheet HTML 7Page - Infineon Technologies AG TLE4976L Datasheet HTML 8Page - Infineon Technologies AG TLE4976L Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLE4976L
Data Sheet
7/9
2003-11-20
Package Dimension P-SSO-3-2
Figure 5: Package Dimension
Figure 6: Distance Chip to Upper Side of IC
6.35
12.7
±0.4
±0.3
4 ±0.3
1.27
4.19
4.06
±0.05
±0.08
0.8 x 45°
1.9 MAX.
±0.25
±0.05
0.4
0.2
12.7
13
±1
0.5
Tape
±0.1
Adhesive Tape
1.52
-0.15
0.25
0.2 +0.1
±0.05
0.79



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com