Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4980C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4980C
Description  Smart Hall Effect Sensor for Camshaft Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4980C Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4980C Datasheet HTML 1Page - Infineon Technologies AG TLE4980C Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Never
stop
think i ng.
P RO DU C T
B RIEF
Applications
■
Camshaft position sensor
Features
■
TPO True Power On functionality
■
Mono-cell chopped Hall system
■
TIM Twisted Independent
Mounting
■
Dynamic self-calibrating
algorithm
■
End-of-line programmable
switching points
■
TC of back-bias magnet
programmable
■
High sensitivity (B
min < 1.5 mT)
and high stability of the
magnetic switching points
■
High resistance to mechanical
stress
■
Digital output signal
(voltage interface)
■
Short-circuit protection
■
Module style package with two
4.7 nF integrated capacitors
P-SSO-3-9
TLE4 980C
Sm ar t Hal l Eff e ct Sen s or f o r
C a msh a f t Applic ation s


Similar Part No. - TLE4980C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4983C-HTNE6747 INFINEON-TLE4983C-HTNE6747 Datasheet
608Kb / 29P
TPO True Power On functionality
Version 1.1
TLE4984C INFINEON-TLE4984C Datasheet
490Kb / 2P
Programmable Mono-cell Chopped Hall Sensor with True Power On for Cam Shaft Applications
03 / 2012
TLE4986C-XAS-M47 INFINEON-TLE4986C-XAS-M47 Datasheet
1Mb / 35P
Hall switching sensor to measure speed or phase of pole/tooth wheels
Revision 1.1, 2014-11-07
TLE4986C-XTS-M47 INFINEON-TLE4986C-XTS-M47 Datasheet
1Mb / 36P
an active Hall sensor ideally suited for camshaft applications
Revision 1.1, 2014-11-07
TLE4988C-XTF-M28 INFINEON-TLE4988C-XTF-M28 Datasheet
402Kb / 13P
Programmable True Power On Camshaft Sensor
Revision 1.0 2020-03-20
More results

Similar Description - TLE4980C

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH280 ANACHIP-AH280 Datasheet
180Kb / 7P
Hall-Effect Smart Fan Driver
Rev. 0.7 Apr 16, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
logo
Vishay Siliconix
601HE VISHAY-601HE Datasheet
102Kb / 3P
Full 360 Smart Sensor (Hall Effect Technology)
16-Dec-08
601HE VISHAY-601HE_10 Datasheet
79Kb / 3P
Full 360 degree Smart Sensor (Hall Effect Technology)
30-Jul-10
601-HE VISHAY-601-HE_15 Datasheet
72Kb / 3P
Full 360° Smart Sensor (Hall Effect Technology)
25-Jul-12
logo
Infineon Technologies A...
TLI4961-1L INFINEON-TLI4961-1L Datasheet
1Mb / 21P
Hall Effect Latch for Industrial Applications
Revision 1.1, 2012-10-15
TLE4986C-XTS-M47 INFINEON-TLE4986C-XTS-M47 Datasheet
1Mb / 36P
an active Hall sensor ideally suited for camshaft applications
Revision 1.1, 2014-11-07
logo
Vishay Siliconix
601HE VISHAY-601HE_V01 Datasheet
78Kb / 3P
Full 360° Smart Sensor (Hall Effect Technology)
25-Jul-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com