Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4980C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4980C
Description  Smart Hall Effect Sensor for Camshaft Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4980C Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4980C Datasheet HTML 1Page - Infineon Technologies AG TLE4980C Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Published by Infineon Technologies AG
P RO DU C T
B RIEF
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
D-81669 München
© Infineon Technologies AG 2003. All Rights Reserved.
Attention please!
The information herein is given to describe certain components
and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office in Germany or our
Infineon Technologies Representatives worldwide.
Warnings
Due to technical requirements components may contain dan-
gerous substances. For information on the types in question
please contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval
of Infineon Technologies, if a failure of such components can
reasonably be expected to cause the failure of that life-support
device or system, or to affect the safety or effectiveness of that
device or system. Life support devices or systems are intended
to be implanted in the human body, or to support and/or main-
tain and sustain and/or protect human life. If they fail, it is rea-
sonable to assume that the health of the user or other persons
may be endangered.
Clamping & Reverse
Voltage Protection
Supply Regulator
Hall
Supply
Analog
Supply
Digital
Supply
Hyst Comp
Main Comp
V
S
Enable
Overtemperature
& Short-Circuit
Protection
OUT
N-Channel
Open Drain
Spinning
Hall Probe
Chopper
& Filter
Offset
DAC
Bias for Temperature
& Technology
Compensation
Oscillator
Tracking ADC
Interface
Digital
min.
max.
Algorithm
PROM
K-Factor
inv. Bit
B
TPO
Actual Switching Level
Reset
GND
+
_
Ordering No. B138-H8199-X-X-7600
Printed in Germany
PS 05032.
NB
Parameter
Unit
Value
Operating voltage
3.3 ... 18
V
Power on time
<1
ms
B
TPO
20 ... 75
mT
Programm. Range TC
magnet
-1200 ... 500
ppm/K
Frequency range
0 ... 4500
Hz
Temperature range
T
j
-40 ... +155
˚C
k
0 factor
0 ... 100
%
B [mT]
B
max
B
min
B
TPO
B
cal
Static Switching
Dynamic Switching Point
Pre-Calibrated
B
cal = Bmin + (Bmax - Bmin) × k0
Φ [˚]
Type
Package
Sales Code
TLE4980C
Q62705-K675
PSSO-3-9
Block Diagram
The IC consists of a chopped
hall-probe (mono-cell in the
centre of the chip) with a
chopped preamplifier. Next
there is a summing node for
threshold level adjustment.
The threshold switching is actu-
ally done in the main compara-
tor. A converter feeds a digital
calibration logic. This logic
monitors the digitalized signal
by looking for minimum and
maximum values and also cal-
culates correction values for
threshold adjustment. The
static switching level is simply
done by fetching a digital value
out of a PROM.
How to reach us:
http://www.infineon.com
Infineon Technologies AG
Richard-Strauss-Straße 76
81679 München
Tel. (+49) 89-92 21 40 86
Fax (+49) 89-92 21 20 71
Infineon Technologies (AP) Pte Ltd
25 New Industrial Road
Singapore 536211
Tel. (+65) 8-40 05 91
Fax (+65) 8-40 00 76
Infineon Technologies Corp.
Suite 112, Sensors Marketing Group
21800 Haggerty Rd.
NORTHVILLE, (MI) 48167
Tel. (+1) 2 48-3 74 08 90
Fax (+1) 2 48-3 74 25 01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com