Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 9Page - Infineon Technologies AG TLE4990 Datasheet HTML 10Page - Infineon Technologies AG TLE4990 Datasheet HTML 11Page - Infineon Technologies AG TLE4990 Datasheet HTML 12Page - Infineon Technologies AG TLE4990 Datasheet HTML 13Page - Infineon Technologies AG TLE4990 Datasheet HTML 14Page - Infineon Technologies AG TLE4990 Datasheet HTML 15Page - Infineon Technologies AG TLE4990 Datasheet HTML 16Page - Infineon Technologies AG TLE4990 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Signal Processing
Data Sheet
13
V 2.0, 2004-05
6
Signal Processing
6.1
Magnetic Field Ranges (fixed in -E6782 version)
The output signal of the Hall cell is amplified in the pre-amplifier.
Eight ranges can be selected by setting the PRE bits.
The output voltage range of 3 ... 97% of
VDD leads to a swing of 4.7 V at VDD = 5 V.
Therefore the product of sensitivity and full scale range is always 4.7 V.
Sensitivity x Full Scale range = 4.7 V[1]
I
In the bipolar mode, the full scale range is composed of a postive and a negative part
with the half value each. (e.g.
±142.4 mT ... ±204.4 mT in range 0).
Note: The range should be set before the calibration of the gain.
Range register
Table 6
Range Setting
Range
PRE bits
Sensitivity (mV/mT)
Typical Values
Magnetic Full Scale
Range (mT)
PRE2
PRE1
PRE0 min.
max.
min.
max.
0
0
0
0
11.49
16.49
285
409
1
0
0
1
16.17
23.20
203
291
2
0
1
0
22.75
32.65
144
207
3
0
1
1
32.00
45.96
102
147
4
1
0
0
45.04
64.63
72.7
104
5
1
0
1
63.38
90.92
51.7
74.2
6
1
1
0
89.16
127.9
36.8
52.7
7
1
1
1
125.5
180.0
26.1
37.5
PRE (Preamplifier)
2
1
0
PRE2 ... PRE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com