Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS08E Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT54ACTS08E
Description  Quadruple 2-Input AND Gates
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS08E Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT54ACTS08E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
AC ELECTRICAL CHARACTERISTICS FOR THE UT54ACS08E2
(VDD = 3.0V to 5.5V; VSS = 0V
1, -55
C < T
C < +125C)
Notes:
1. Maximum allowable relative shift equals 50mV.
2. All specifications valid for radiation dose
 1E6 rads(Si) per MIL-STD-883 Method 1019.
SYMBOL
PARAMETER
VDD
MINIMUM
MAXIMUM
UNIT
tPLH
Input to Yn
CL = 50pF
3.0V to 3.6V
2
15
ns
4.5V to 5.5V
1
9
tPHL
Input to Yn
CL = 50pF
3.0V to 3.6V
2
19
ns
4.5V to 5.5V
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com