Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS08E Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT54ACTS08E
Description  Quadruple 2-Input AND Gates
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS08E Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT54ACTS08E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACTS08E Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Ordering Information: UT54ACS08E and UT54ACTS08E: SMD
Drawing Number:
96518 = UT54ACS08E
Device Type:
02 = 1 rad(Si)/sec
Package Type:
X = 14-lead ceramic bottom-brazed dual-in-line Flatpack
Lead Finish: (Notes 1 & 2)
A = Solder
C = Gold
X = Optional
5962
*****
**
*
*
*
*
Total Dose: (Notes 3 & 4)
R = 1E5 rads(Si)
F = 3E5 rads(Si)
G = 5E5 rads(Si)
H = 1E6 rads(Si)
03 = 50 to 300 rad(Si)/sec
Class Designator:
Q = QML Class Q
V = QML Class V
96519 = UT54ACTS08E
Notes:
1. Lead finish (A,C, or X) must be specified.
2. If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3. Total dose radiation must be specified when ordering. QML Q and QML V not available without radiation hardening. For prototype inquiries, contact
factory.
4. Device type 02 is only offered with a TID tolerance guarantee of 3E5 rads(Si) or 1E6 rads(Si) and is tested in accordance with MIL-STD-883 Test
Method 1019 Condition A and section 3.11.2. Device type 03 is only offered with a TID tolerance guarantee of 1E5 rads(Si), 3E5 rads(Si), and 5E5
rads(Si), and is tested in accordance with MIL-STD-883 Test Method 1019 Condition A.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com