Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS10 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS10
Description  Triple 3-Input NAND Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS10 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS10 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS10 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS10 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS10 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS10 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS10 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS10 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS10 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS10 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Standard Products
UT54ACS10/UT54ACTS10
Triple 3-Input NAND Gates
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 14-pin DIP
- 14-lead flatpack
UT54ACS10 - SMD 5962-96520
UT54ACTS10 - SMD 5962-96521
DESCRIPTION
The UT54ACS10 and the UT54ACTS10 are triple three-input
NAND gates. The circuits perform the Boolean functions
Y = A
⋅B⋅C or Y = A + B + C in positive logic.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
LOGIC SYMBOL
PINOUTS
14-Pin DIP
Top View
14-Lead Flatpack
Top View
LOGIC DIAGRAM
INPUTS
OUTPUT
A
B
C
Y
H
H
H
L
L
X
X
H
X
L
X
H
X
X
L
H
Y1
(12)
(6)
Y2
Y3
(8)
(1)
A1
(2)
B1
(13)
C1
(3)
A2
(4)
B2
(5)
C2
(9)
A3
(10)
B3
Note:.
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and
IEC Publication 617-12.
&
(11)
C3
1
2
3
4
5
7
6
14
13
12
11
10
8
9
A1
B1
A2
B2
C2
Y2
VSS
VDD
C1
Y1
C3
B3
A3
Y3
VDD
C1
Y1
C3
B3
A3
Y3
A1
B1
A2
B2
C2
Y2
VSS
1
2
3
4
5
7
6
14
13
12
11
10
8
9
Y1
A1
B1
C1
Y2
A2
B2
C2
Y3
A3
B3
C3


Similar Part No. - UT54ACTS10

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS109 AEROFLEX-UT54ACTS109 Datasheet
55Kb / 6P
Radiation-Hardened Dual J-K Flip-Flops
More results

Similar Description - UT54ACTS10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5410 NSC-5410 Datasheet
93Kb / 4P
Triple 3-Input NAND Gates
54LS10 NSC-54LS10 Datasheet
120Kb / 6P
Triple 3-Input NAND Gates
DM54L10 NSC-DM54L10 Datasheet
82Kb / 4P
Triple 3-Input NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74HC10 HITACHI-HD74HC10 Datasheet
39Kb / 7P
Triple 3-input NAND Gates
logo
Texas Instruments
SN54ACT10 TI-SN54ACT10_03 Datasheet
692Kb / 17P
TRIPLE-3-INPUT PSITIVE-NAND GATES
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
Triple 3-Input Positive NAND Gates
HD74HC10 RENESAS-HD74HC10 Datasheet
84Kb / 7P
Triple 3-input NAND Gates
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com