Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS74 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # UT54ACTS74
Description  Dual D Flip-Flops with Clear & Preset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS74 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  UT54ACTS74 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
DC ELECTRICAL CHARACTERISTICS 7
(VDD = 5.0V ±10%; VSS = 0V
6, -55
°C < T
C < +125°C); Unless otherwise noted, Tc is per the temperature range ordered.
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VIL
Low-level input voltage 1
ACTS
ACS
0.8
.3VDD
V
VIH
High-level input voltage 1
ACTS
ACS
.5VDD
.7VDD
V
IIN
Input leakage current
ACTS/ACS
VIN = VDD or VSS
-1
1
μA
VOL
Low-level output voltage 3
ACTS
ACS
IOL = 8.0mA
IOL = 100μA
0.40
0.25
V
VOH
High-level output voltage 3
ACTS
ACS
IOH = -8.0mA
IOH = -100μA
.7VDD
VDD - 0.25
V
IOS
Short-circuit output current 2 ,4
ACTS/ACS
VO = VDD and VSS
-200
200
mA
IOL
Output current10
(Sink)
VIN = VDD or VSS
VOL = 0.4V
8
mA
IOH
Output current10
(Source)
VIN = VDD or VSS
VOH = VDD - 0.4V
-8
mA
Ptotal
Power dissipation 2, 8, 9
CL = 50pF
1.9
mW/
MHz
IDDQ
Quiescent Supply Current
VDD = 5.5V
10
μA
ΔI
DDQ
Quiescent Supply Current Delta
ACTS
For input under test
VIN = VDD - 2.1V
For all other inputs
VIN = VDD or VSS
VDD = 5.5V
1.6
mA
CIN
Input capacitance 5
ƒ = 1MHz @ 0V
15
pF
COUT
Output capacitance 5
ƒ = 1MHz @ 0V
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com