Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS74 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS74
Description  Dual D Flip-Flops with Clear & Preset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS74 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS74 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS74 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS74/UT54ACTS74
Dual D Flip-Flops with Clear & Preset
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 14-pin DIP
- 14-lead flatpack
UT54ACS74 - SMD 5962-96534
UT54ACTS74 - SMD 5962-96535
DESCRIPTION
The UT54ACS74 and the UT54ACTS74 contain two indepen-
dent D-type positive triggered flip-flops. A low level at the
Preset or Clear inputs sets or resets the outputs regardless of the
levels of the other inputs. When Preset and Clear are inactive
(high), data at the D input meeting the setup time requirement
is transferred to the outputs on the positive-going edge of the
clock pulse. Following the hold time interval, data at the D
input may be changed without affecting the levels at the outputs.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
Note:
1. The output levels in this configuration are not guaranteed to meet the minimum
levels for VOH if the lows at preset and clear are near VIL maximum. In
addition, this configuration is nonstable; that is, it will not persist when either
preset or clear returns to its inactive (high) level.
PINOUTS
14-Pin DIP
Top View
14-Lead Flatpack
Top View
LOGIC SYMBOL
INPUTS
OUTPUT
PRE
CLR
CLK
D
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H 1
H 1
H
H
↑
H
H
L
H
H
↑
L
L
H
H
H
L
X
Qo
Qo
1
2
3
4
5
7
6
14
13
12
11
10
8
9
CLR1
D1
CLK1
PRE1
Q1
Q1
VSS
VDD
CLR2
D2
CLK2
PRE2
Q2
Q2
1
2
3
4
5
7
6
14
13
12
11
10
8
9
VDD
CLR2
D2
CLK2
PRE2
Q2
Q2
CLR1
D1
CLK1
PRE1
Q1
Q1
VSS
Q1
(5)
(6)
Q1
Q2
(9)
(8)
Q2
(4)
PRE1
(3)
CLK1
(2)
D1
(1)
CLR1
(10)
PRE2
(11)
CLK2
(12)
D2
(13)
CLR2
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
S
C1
D1
R


Similar Part No. - UT54ACTS74

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT54ACTS74 ETC-UT54ACTS74 Datasheet
46Kb / 6P
Radiation-Hardened Dual D Flip-Flops with Clear & Preset
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
Dual D Flip-Flops with Clear and Preset
More results

Similar Description - UT54ACTS74

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
Dual D-type Flip-Flops (with Preset and Clear)
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
Dual D-type Flip Flops with Preset and Clear
logo
List of Unclassifed Man...
UT54ACS74 ETC-UT54ACS74 Datasheet
46Kb / 6P
Radiation-Hardened Dual D Flip-Flops with Clear & Preset
logo
Renesas Technology Corp
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
Dual D-type Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
Dual D-type Flip Flops with Preset and Clear
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
Dual D-type Flip Flops with Preset and Clear
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
Dual D-type Flip-Flops (with Preset and Clear)
HD74LV74A RENESAS-HD74LV74A_15 Datasheet
108Kb / 12P
Dual D?뱓ype Flip Flops with Preset and Clear
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
Dual D-type Flip Flops with Preset and Clear
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
Dual D Flip-Flops with Clear and Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com