Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-RZ126PA035SC-M620F41 Datasheet(PDF) 12 Page - Vincotech

Part # 10-RZ126PA035SC-M620F41
Description  Clip-in PCB mounting (optional)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-RZ126PA035SC-M620F41 Datasheet(HTML) 12 Page - Vincotech

Back Button 10-RZ126PA035SC-M620F41 Datasheet HTML 8Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 9Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 10Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 11Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 12Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 13Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 14Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 15Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 16Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
10-RZ126PA035SC-M620F41
10-R0126PA035SC-M620F40
Tj
150 °C
Rgon
16
Rgoff
16
Figure 1
Output inverter IGBT
Figure 2
Output inverter IGBT
Turn-off Switching Waveforms & definition of tdoff, tEoff
Turn-on Switching Waveforms & definition of tdon, tEon
(tEoff = integrating time for Eoff)
(tEon = integrating time for Eon)
VGE (0%) =
-15
V
VGE (0%) =
-15
V
VGE (100%) =
15
V
VGE (100%) =
15
V
VC (100%) =
600
V
VC (100%) =
600
V
IC (100%) =
35
A
IC (100%) =
35
A
tdoff =
0,28
µs
tdon =
0,10
µs
tEoff =
0,66
µs
tEon =
0,39
µs
Figure 3
Output inverter IGBT
Figure 4
Output inverter IGBT
Turn-off Switching Waveforms & definition of tf
Turn-on Switching Waveforms & definition of tr
VC (100%) =
600
V
VC (100%) =
600
V
IC (100%) =
35
A
IC (100%) =
35
A
tf =
0,13
µs
tr =
0,05
µs
Switching Definitions Output Inverter
General conditions
=
=
=
IC 1%
VCE 90%
VGE 90%
-20
0
20
40
60
80
100
120
-0,2
0
0,2
0,4
0,6
0,8
time (us)
%
tdoff
tEoff
VCE
IC
VGE
IC10%
VGE10%
tdon
VCE 3%
-25
0
25
50
75
100
125
150
175
2,8
3
3,2
3,4
3,6
time(us)
%
IC
VCE
tEon
VGE
fitted
IC10%
IC 90%
IC 60%
IC 40%
-20
0
20
40
60
80
100
120
140
0,1
0,2
0,3
0,4
0,5
0,6
time (us)
%
VCE
IC
tf
IC10%
IC90%
-25
0
25
50
75
100
125
150
175
3
3,1
3,2
3,3
3,4
3,5
time(us)
%
tr
VCE
Ic
12
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com