Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-RZ126PA035SC-M620F41 Datasheet(PDF) 13 Page - Vincotech

Part # 10-RZ126PA035SC-M620F41
Description  Clip-in PCB mounting (optional)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-RZ126PA035SC-M620F41 Datasheet(HTML) 13 Page - Vincotech

Back Button 10-RZ126PA035SC-M620F41 Datasheet HTML 8Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 9Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 10Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 11Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 12Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 13Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 14Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 15Page - Vincotech 10-RZ126PA035SC-M620F41 Datasheet HTML 16Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
10-RZ126PA035SC-M620F41
10-R0126PA035SC-M620F40
Figure 5
Output inverter IGBT
Figure 6
Output inverter IGBT
Turn-off Switching Waveforms & definition of tEoff
Turn-on Switching Waveforms & definition of tEon
Poff (100%) =
20,99
kW
Pon (100%) =
20,99
kW
Eoff (100%) =
3,38
mJ
Eon (100%) =
4,08
mJ
tEoff =
0,66
µs
tEon =
0,39
µs
Figure 7
Output inverter IGBT
Figure 8
Output inverter FWD
Gate voltage vs Gate charge (measured)
Turn-off Switching Waveforms & definition of trr
VGEoff =
-15
V
Vd (100%) =
600
V
VGEon =
15
V
Id (100%) =
35
A
VC (100%) =
600
V
IRRM (100%) =
-21
A
IC (100%) =
35
A
trr =
0,57
µs
Qg =
252,70
nC
Switching Definitions Output Inverter
IC 1%
VGE 90%
-20
0
20
40
60
80
100
120
-0,2
0
0,2
0,4
0,6
0,8
time (us)
%
Poff
Eoff
tEoff
VCE 3%
VGE 10%
-20
20
60
100
140
180
2,8
3
3,2
3,4
3,6
time(us)
%
Pon
Eon
tEon
-15
-10
-5
0
5
10
15
20
-20
30
80
130
180
230
280
Qg (nC)
IRRM10%
IRRM90%
IRRM100%
trr
-120
-80
-40
0
40
80
120
2,5
3
3,5
4
4,5
time(us)
%
Id
Vd
fitted
13
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com