Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-R0126PA035SC-M620F40 Datasheet(PDF) 1 Page - Vincotech

Part # 10-R0126PA035SC-M620F40
Description  Clip-in PCB mounting (optional)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R0126PA035SC-M620F40 Datasheet(HTML) 1 Page - Vincotech

  10-R0126PA035SC-M620F40 Datasheet HTML 1Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 2Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 3Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 4Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 5Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 6Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 7Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 8Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
10-RZ126PA035SC-M620F41
10-R0126PA035SC-M620F40
flow 90PACK 0
1200V/35A
● 90°PCB mounting for easy heat sink assembly
● Clip-in PCB mounting (optional)
● Open emitter for easy current sensing
● Standard Drive
● Servo Drive
● Bookshelf Inverter
● 10-RZ126PA035SC-M620F41
● 10-R0126PA035SC-M620F40
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Inverter Transistor
Th=80°C
38
Tc=80°C
49
Th=80°C
101
Tc=80°C
153
tSC
Tj≤150°C
10
µs
VCC
VGE=15V
800
V
* measured with phase-change material
Inverter Diode
Th=80°C
31
Tc=80°C
40
Th=80°C
64
Tc=80°C
97
* measured with phase-change material
105
±20
50
Tj=Tjmax
tp limited by Tjmax
DC forward current *
Ptot
Gate-emitter peak voltage
Tj=Tjmax
A
IF
V
RRM
A
Types
Maximum Ratings
Condition
Features
flow 90PACK 0
Target Applications
Schematic
W
175
°C
Pulsed collector current
Maximum Junction Temperature
Peak Repetitive Reverse Voltage
Power dissipation per IGBT *
Maximum Junction Temperature
Short circuit ratings
Turn off safe operating area
Repetitive peak forward current
Power dissipation per Diode *
Collector-emitter break down voltage
DC collector current *
Tj=Tjmax
Tj=Tjmax
VCE
≤ 1200V, Tj ≤ Top max
tp limited by Tjmax
A
1200
A
V
70
V
Tjmax
VCE
IC
VGE
IFRM
Ptot
ICpulse
Tjmax
W
A
V
1200
°C
175
with clips
without clips
1
Revision: 2
Copyright by Vincotech


Similar Part No. - 10-R0126PA035SC-M620F40

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-R0126PA015SC-M628F40 VINCOTECH-10-R0126PA015SC-M628F40 Datasheet
2Mb / 16P
Clip-in PCB mounting (optional)
10-R0126PA025SC-M627F40 VINCOTECH-10-R0126PA025SC-M627F40 Datasheet
2Mb / 17P
Clip-in PCB mounting (optional)
10-R0126PA025SC-M629F40 VINCOTECH-10-R0126PA025SC-M629F40 Datasheet
2Mb / 17P
Clip-in PCB mounting (optional)
More results

Similar Description - 10-R0126PA035SC-M620F40

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F006PPA006SB-M682B VINCOTECH-10-F006PPA006SB-M682B Datasheet
3Mb / 31P
Clip in PCB mounting
10-F006PPA010SB-M683B VINCOTECH-10-F006PPA010SB-M683B Datasheet
1Mb / 30P
Clip in PCB mounting
10-F006PPA020SB01-M685B10 VINCOTECH-10-F006PPA020SB01-M685B10 Datasheet
620Kb / 30P
Clip in PCB mounting
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
Clip in PCB mounting
V23990-P638-A40-PM VINCOTECH-V23990-P638-A40-PM Datasheet
2Mb / 23P
Clip-in PCB mounting
V23990-P700-F40-PM VINCOTECH-V23990-P700-F40-PM Datasheet
419Kb / 17P
Clip-in PCB mounting
10-R106PPA020SB01-M934A VINCOTECH-10-R106PPA020SB01-M934A Datasheet
2Mb / 31P
Clip in PCB mounting
10-R0126PA015SC-M628F40 VINCOTECH-10-R0126PA015SC-M628F40 Datasheet
2Mb / 16P
Clip-in PCB mounting (optional)
10-R01126PA008SC-M627F40 VINCOTECH-10-R01126PA008SC-M627F40 Datasheet
2Mb / 17P
Clip-in PCB mounting (optional)
10-RZ126PA025SC-M629F41 VINCOTECH-10-RZ126PA025SC-M629F41 Datasheet
2Mb / 17P
Clip-in PCB mounting (optional)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com