Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-R0126PA035SC-M620F40 Datasheet(PDF) 10 Page - Vincotech

Part # 10-R0126PA035SC-M620F40
Description  Clip-in PCB mounting (optional)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R0126PA035SC-M620F40 Datasheet(HTML) 10 Page - Vincotech

Back Button 10-R0126PA035SC-M620F40 Datasheet HTML 6Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 7Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 8Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 9Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 10Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 11Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 12Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 13Page - Vincotech 10-R0126PA035SC-M620F40 Datasheet HTML 14Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10-RZ126PA035SC-M620F41
10-R0126PA035SC-M620F40
Figure 25
Output inverter IGBT
Figure 26
Output inverter IGBT
Safe operating area as a function
Gate voltage vs Gate charge
of collector-emitter voltage
IC = f(VCE)
VGE = f(QGE)
At
At
D =
single pulse
IC =
35
A
Th =
80
ºC
VGE =
±15
V
Tj =
Tjmax
ºC
Figure 27
Output inverter IGBT
Figure 28
Output inverter IGBT
Short circuit withstand time as a function of
Typical short circuit collector current as a function of
gate-emitter voltage
gate-emitter voltage
tsc = f(VGE)
VGE = f(QGE)
At
At
VCE =
1200
V
VCE
≤
1200
V
Tj
≤
175
ºC
Tj =
175
ºC
Output Inverter
V CE (V)
10
3
10
0
10
-1
10
1
10
2
10
1
10
2
100uS
1mS
10mS
100mS
DC
10
0
10
3
0
2,5
5
7,5
10
12,5
15
17,5
0
25
50
75
100
125
150
175
200
Q g (nC)
240V
960V
0
2,5
5
7,5
10
12,5
15
17,5
12
13
14
15
16
17
18
19
20
V GE (V)
0
50
100
150
200
250
300
350
12
13
14
15
16
17
18
19
20
V GE (V)
10
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com