Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699CPC Datasheet(PDF) 28 Page - Aeroflex Circuit Technology

Part # UT699CPC
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699CPC Datasheet(HTML) 28 Page - Aeroflex Circuit Technology

Back Button UT699CPC Datasheet HTML 24Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 25Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 26Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 27Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 28Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 29Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 30Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 31Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 32Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
28
4.5 Timing Characteristics SpaceWire Interface
(VDD = 3.3V + 0.3V; VDDC = 2.5V + 0.2V; TC = -40
oC to 105oC)
Notes:
1. The SPW_CLK frequency must be less than 4x the SYS_CLK frequency. For example, if SPW_CLK is running at 200MHz, the SYS_CLK frequency must be
greater than 50MHz.
2. All outputs are measured using the load conditions shown in Figure 15.
3. Applies to both high pulse and low pulse.
4. A unit interval (UI) is defined as the nominal, or ideal, bit width.
Figure 8. SpaceWire Transmit Timing Diagram
Figure 9. SpaceWire Receive Timing Diagram
Symbol
Description
Min
Max
Units
t111
SPW_CLK period
5
--
ns
t122
SPW_CLKto data delay
(SPW_TXD[3:0])
37
ns
t132
SPW_CLKto strobe delay
(SPW_TXS[3:0])
37
ns
t143
Transmit data and strobe bit width variation
(SPW_TXD[3:0] and SPW_TXS[3:0])
UI-6004
UI+600
ps
t153
Receive data and strobe bit width
(SPW_RXD[3:0] and SPW_RXS[3:0])
2.5
--
ns
t16
Receive data and strobe edge separation
(SPW_RXD[3:0] and SPW_RXS[3:0])
2.5
--
ns
t13
t13
t14
t14
t12
t12
t14
t14
t11
t11
SPW_CLK
SPW_TXD
SPW_TXS
t15
t
t16
t16
t15
t
SPW_RXD
SPW_RXS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com