Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699CPC Datasheet(PDF) 29 Page - Aeroflex Circuit Technology

Part # UT699CPC
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699CPC Datasheet(HTML) 29 Page - Aeroflex Circuit Technology

Back Button UT699CPC Datasheet HTML 25Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 26Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 27Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 28Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 29Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 30Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 31Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 32Page - Aeroflex Circuit Technology UT699CPC Datasheet HTML 33Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
29
4.6 Timing Characteristics for PCI Interface
(VDD = 3.3V + 0.3V; VDDC = 2.5V + 0.2V; TC = -40
oC to 105oC)
Notes:
1. All outputs are measured using the load conditions shown in Figure 15.
2. High-Z defined as +/-300mV change from steady state.
3. Guaranteed by design.
Symbol
Description
Min
Max
Units
t171
PCI_CLKto output valid
(PCI_AD[31:0], PCI_C/BE[3:0], PCI_PAR,
PCI_FRAME, PCI_IRDY, PCI_TDRY,
PCI_STOP, PCI_DEVSEL, PCI_REQ, and
PCI_ARB_GNT[7:0])
213
ns
t181,2
PCI_CLKto output valid from high-Z
(PCI_AD[31:0], PCI_C/BE[3:0], PCI_PAR,
PCI_FRAME, PCI_IRDY, PCI_TDRY,
PCI_STOP, and PCI_DEVSEL)
213
ns
t191,2
PCI_CLKto output high-Z
(PCI_AD[31:0], PCI_C/BE[3:0], PCI_PAR,
PCI_FRAME, PCI_IRDY, PCI_TDRY,
PCI_STOP, and PCI_DEVSEL)
--
14
ns
t20
Setup time to PCI_CLK
(PCI_AD[31:0], PCI_C/BE[3:0], PCI_PAR,
PCI_FRAME, PCI_IRDY, PCI_TDRY,
PCI_STOP, PCI_DEVSEL, PCI_IDSEL,
PCI_GNT, and PCI_ARB_REQ[7:0])
3--
ns
t21
Hold time from PCI_CLK
(PCI_AD[31:0], PCI_C/BE[3:0], PCI_PAR,
PCI_FRAME, PCI_IRDY, PCI_TDRY,
PCI_STOP, PCI_DEVSEL, and
PCI_IDSEL)
1--
ns
t223
PCI_CLKto RESET deassertion
10
--
PCI Clocks
t23a3
PCI_CLKto PCI_RST deassertion
10
--
PCI Clocks
t23b3
PCI_RST assertion to PCI_CLK idle
10
--
PCI Clocks
t243
PCI_RST assertion to output high-Z
(PCI_AD[31:0], PCI_C/BE[3:0], PCI_PAR,
PCI_FRAME, PCI_IRDY, PCI_TDRY,
PCI_STOP, and PCI_DEVSEL)
--
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com