Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6255G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6255G
Description  Single Wire CAN-Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6255G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6255G Datasheet HTML 9Page - Infineon Technologies AG TLE6255G Datasheet HTML 10Page - Infineon Technologies AG TLE6255G Datasheet HTML 11Page - Infineon Technologies AG TLE6255G Datasheet HTML 12Page - Infineon Technologies AG TLE6255G Datasheet HTML 13Page - Infineon Technologies AG TLE6255G Datasheet HTML 14Page - Infineon Technologies AG TLE6255G Datasheet HTML 15Page - Infineon Technologies AG TLE6255G Datasheet HTML 16Page - Infineon Technologies AG TLE6255G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TLE 6255 G
Data Sheet Rev. 2.5
13
2003-11-27
CANH as Bus Input / Receiver
Wake up offset
threshold
V
IHWUO
V
batt –
4.30
–
V
batt –
3.25
V
V
batt = 8 V
see note; see Figure 8
Wake up fixed
threshold
V
IHWUF
6.15
7.1 8.10
V
V
batt = 14 V
see note; see Figure 8
Wakeup dead time
t
DWU
10
21
50
µs–
Wakeup minimal pulse
time
t
WUMIN
15
10
µs–
Receive threshold; in
normal, high-speed
and wake-up mode
V
IH
1.8
2
2.2
V
6 V <
V
batt <16V
Receive hysteresis
V
RHY
50
80
200
mV –
Receive propagation
time
t
CRF
0.05
0.3 1
µs
V
CANH >(VIH + 0.8 V) to
RxD = L; 6 V <
V
batt <16 V
Receive propagation
time; high speed
t
CRF
0.05
0.25 0.5
µs
V
CANH >(VIH + 0.8 V) to
RxD = L; M1 = L;
6V <
V
batt <16V;
T
j < 125 °C
Receive propagation
time
t
CRR
0.05
0.3 1
µs
V
CANH < (VIH – 0.8 V) to
RxD = H;
R
RxD =2.4 kΩ
6V <
V
batt <16V
Receive propagation
time; high speed
t
CRR
0.05
0.25 0.5
µs
V
CANH < (VIH – 0.8 V) to
RxD = H;
R
RxD =2.4 kΩ
M1 = L; 6 V <
V
batt <16 V;
T
j < 125 °C
Receive blanking time
after CANH H to L
transition
t
CRB
1.5
3.0 5.0
µs
see Figure 7
Note: The device will send a wake up call to the microcontroller at the minimum of
V
IHWUO or VIHWUF.
5.5 V <
V
batt < 16 V; 4.75 V < VCC < 5.25 V; – 40 °C< Tj <150 °C; M0 = M1 = H;
R
UL= 9.1 kΩ (connected between CANH and LOAD); RRSL =39kΩ; all voltages with
respect to ground; positive current defined flowing into pin; unless otherwise specified
Parameter
Sym-
bol
Limit Values
Unit Test Condition
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com