Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6255G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6255G
Description  Single Wire CAN-Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6255G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6255G Datasheet HTML 1Page - Infineon Technologies AG TLE6255G Datasheet HTML 2Page - Infineon Technologies AG TLE6255G Datasheet HTML 3Page - Infineon Technologies AG TLE6255G Datasheet HTML 4Page - Infineon Technologies AG TLE6255G Datasheet HTML 5Page - Infineon Technologies AG TLE6255G Datasheet HTML 6Page - Infineon Technologies AG TLE6255G Datasheet HTML 7Page - Infineon Technologies AG TLE6255G Datasheet HTML 8Page - Infineon Technologies AG TLE6255G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TLE 6255 G
Data Sheet Rev. 2.5
3
2003-11-27
4
Pin Definitions and Functions
Pin No.
Symbol
Function
1, 7, 8, 14
GND
Ground; internally connected to leadframe
2TxD
Transceive-Input; low active, logic command to transmit
on the single wire CAN bus; inverting: TxD = low causes
CANH = dominant (high level); internal 10 k
Ω pull up
3M0
Mode-Input 0; to program the device operating mode;
internal pull down
4M1
Mode-Input 1; to program the device operating mode;
internal pull down
5RxD
Receive-Output; open drain, logic data as sensed on the
single wire CAN bus; inverting (RxD = L when CANH is
dominant)
6
V
CC
Supply Voltage; input for 5 V logic supply voltage
9RSL
Slewrate-Program-Input; an external resistor to
V
CC on
this pin is required to program the bus output slewrate
10
V
batt
Battery Supply Voltage; external blocking capacitor
necessary (see application circuit)
11
LOAD
Unit-Load Resistor Input; internal termination to GND
12
CANH
CAN Bus Input/Output; single wire bus input and output;
short circuit protected
13
N.C.
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com