Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1SE-H2-R Datasheet(PDF) 2 Page - Recom International Power

Part # R1SE-H2-R
Description  1 Watt SMD Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1SE-H2-R Datasheet(HTML) 2 Page - Recom International Power

  R1SE-H2-R Datasheet HTML 1Page - Recom International Power R1SE-H2-R Datasheet HTML 2Page - Recom International Power R1SE-H2-R Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC/DC Converter
ECO-2
REV.: 0/2015
www.recom-international.com
PROTECTIONS
Parameter
Condition
Value
Isolation Voltage
2kVDC / 1 second
Isolation Capacitance
75pF max.
Isolation Resistance
Viso= 500V
10G
Ω min.
REGULATIONS
Parameter
Condition
Values
Output Voltage Accuracy
-2% typ. / ±5% max.
Line Voltage Regulation
low line to high line, max. load
±1% typ. / ±1.5% max.
Load Voltage Regulation
20% - 100% load
±6% typ. / ±10% max.
R1SE/H2
Series
Specifications (measured at TA= 25°C, nominal input voltage and rated current unless otherwise specified)
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-55°C to +125°C
Humidity
non-condensing
95% RH max.
MTBF (+25°C)
(+85°C)
according to MIL-HDBK-217F, full load
2992 x 103 hours
955 x 103 hours
Derating Graph
100
80
60
40
20
0
-40
0
50
100
150
Operating Temperature (°C)
Safe Operating Area
0505
0512
0515
100
0
20
40
60
80
-10
25
20
15
10
5
0
-5
Output Load (%)
3.305
1205
1505
100
0
20
40
60
80
-10
25
20
15
10
5
0
-5
Output Load (%)
Deviation vs. Load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com