Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1SE-H2-R Datasheet(PDF) 3 Page - Recom International Power

Part # R1SE-H2-R
Description  1 Watt SMD Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1SE-H2-R Datasheet(HTML) 3 Page - Recom International Power

  R1SE-H2-R Datasheet HTML 1Page - Recom International Power R1SE-H2-R Datasheet HTML 2Page - Recom International Power R1SE-H2-R Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DC/DC Converter
ECO-3
REV.: 0/2015
www.recom-international.com
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
R1SE/H2
Series
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
UL General Safety
E358085-A2
UL-60950-1, 2nd Edition
CAN/CSA C22.2 No. 60950-1-07, 2nd Edition
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
non-conductive black plastic
Package Dimensions (LxWxH)
12.75 x 10.7 x 6.7mm
Package Weight
1.0g
Packaging Quantity
Tape and Reel
500pcs
Tape and Reel Width
24mm
Bottom View
Footprint
12.75
8.50
11.10
2.54 x 3
0.50
2.54
1.20
1.80
1 2
4
8
5
R1SE
xxxx
Mechanical Dimensions (mm)
Pin Connections
Pin #
Function
1
-Vin
2
+Vin
4
-Vout
5
+Vout
8
NC
Tolerance: xx.x= ±0.50mm
xx.xx= ±0.25mm
NC:
no connection
The product information and specifications are subject to change without prior notice. All products are designed for non-safety critical commercial and industrial applications.
The buyer agrees to implement safeguards that anticipate the consequences of any failures that might cause harm, loss of life and/or property damage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com