Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM150 Datasheet(PDF) 3 Page - Recom International Power

Part # RACM150
Description  150 Watt Enclosed Case Style Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM150 Datasheet(HTML) 3 Page - Recom International Power

  RACM150 Datasheet HTML 1Page - Recom International Power RACM150 Datasheet HTML 2Page - Recom International Power RACM150 Datasheet HTML 3Page - Recom International Power RACM150 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Relative Humidity
non-condensing
5% to 95% RH
Temperature Coefficient
±0.02% / °C
Operating Temperature Range
(refer to derating graph)
without fan and with derating
with fan and with derating
-25°C to +80°C
-25°C to +80°C
Storage Temperature Range
with fan
without fan
-40°C to +80°C
-40°C to +80°C
Operating Altitude
5000m max.
MTBF (+25°C)
according to MIL-HDBK-217F, full load
780 x 106 hours
AC/DC Converter
MED-3
REV.: 0/2015
www.recom-international.com
Specifications (measured at TA= 25°C, 230VAC, full load and after warm-up)
RACM150(/F)
Series
Leakage Current
264VAC
100µA max.
Clearance
Creepage
I/P to O/P
I/P to O/P
8mm
8mm
Isolation Resistance
500VDC
0.1G
W min.
-25
100
90
80
60 70
40
80
50
20 30
10
0
40
20
0
60
100
120
140
150
Ambient Temperature (°C)
Vin= 115VAC
RACM150-xxS/F
RACM150-xxS (xx=15, 24)
RACM-xxS (xx=12 48)
-25
100
90
80
60 70
40
80
50
20 30
10
0
40
20
0
60
100
120
140
150
Ambient Temperature (°C)
Vin= 230VAC
RACM150-xxS/F
RACM150-xxS (xx=15, 24)
RACM-xxS (xx=12 48)
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
IEC/EN Medical Safety
IEC/EN-60601-1
Medical Report + ISO14971 Risk Assessment
ANSI/AAMI Medical Safety
E314885
ES60601-1
CAN/CSA Medical Safety
E314885
C22.2 No. 60601-1
Certificate Type (Environmental)
Condition
Standard / Criterion
ESD
Radiated Immunity
Fast Transient
Surge
Conducted Immunity
Power Frequency Magnetic Field
Air ±8kV; Contact ±6kV
20V/m
±2kV
DM ±1kV and CM ±2kV
20Vr.m.s
10A/m
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
EN61000-4-8, Criteria A
Harmonic Current
full load
EN61000-3-2; Class A and D
Voltage Flicker
EN61000-3-3, PASS
Thermal Shock
MIL-STD-810F
Shock
IEC68-2-27
Vibration
IEC68-2-6
Dip and Interruptions
30%, 500ms
60%, 100ms
>95%, 10ms
>95%, 5000ms
EN60601-1-2, Criteria A
EN60601-1-2, Criteria A
EN60601-1-2, Criteria A
EN60601-1-2, Criteria B
Derating Graph
230VAC 50Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com