Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM150 Datasheet(PDF) 4 Page - Recom International Power

Part # RACM150
Description  150 Watt Enclosed Case Style Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM150 Datasheet(HTML) 4 Page - Recom International Power

  RACM150 Datasheet HTML 1Page - Recom International Power RACM150 Datasheet HTML 2Page - Recom International Power RACM150 Datasheet HTML 3Page - Recom International Power RACM150 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AC/DC Converter
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Aluminium
Package Dimensions (LxWxH)
with fan
without Fan
116.8 x 62.0 x 49.2mm
116.8 x 62.0 x 39.2mm
Package Weight
with Fan
without Fan
270g
255g
Packaging Dimensions (LxWxH)
Cardboard Box
145 x 80 x 85mm
Packaging Quantity
1pcs
10.0 mm minimum
FC 109.6
116.8
40.0
3.5
33.0
MED-4
REV.: 0/2015
www.recom-international.com
Specifications (measured at TA= 25°C, 230VAC, full load and after warm-up)
RACM150(/F)
Series
The product information and specifications are subject to change without prior notice. All products are designed for non-safety critical commercial and industrial applications.
The buyer agrees to implement safeguards that anticipate the consequences of any failures that might cause harm, loss of life and/or property damage.
CON1 - Input
Pin1
Line
Pin3 Neutral
Mates with
JST housing: VHR-3N
JST crimp terminals: SVH-21T-P1.1
CON2 - Output
Pin1,2,3 -Vout
Pin45,6 +Vout
Mates with
JST housing: VHR-6N
JST crimp terminals: SVH-21T-P1.1
CON2 - Output
Pin1
-Fan
Pin2
+Fan
Mates with
Molex housing: 22-01-1022
Molex crimp terminals: 2759
Tolerance: ±0.5mm
FC:
fixing center
Mechanical Dimensions (mm)
Side View
Top View
Bottom View
FAN
Rated Voltage:
12V (7-13.8)
Input Power:
0.96W typ. 1.8W max.
Speed:
6000RPM
Air Flow:
7CFM/Min.; 30dBA max.
expected Lifetime (40°C): >70khours continuous
Cable length:
55mm inlcuding connector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com