Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE6280GP Datasheet HTML 11Page - Infineon Technologies AG TLE6280GP Datasheet HTML 12Page - Infineon Technologies AG TLE6280GP Datasheet HTML 13Page - Infineon Technologies AG TLE6280GP Datasheet HTML 14Page - Infineon Technologies AG TLE6280GP Datasheet HTML 15Page - Infineon Technologies AG TLE6280GP Datasheet HTML 16Page - Infineon Technologies AG TLE6280GP Datasheet HTML 17Page - Infineon Technologies AG TLE6280GP Datasheet HTML 18Page - Infineon Technologies AG TLE6280GP Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Datasheet TLE6280GP
Electrical Characteristics (continued)
Parameter and Conditions
Symbol
Values
Unit
at Tj = –40 … +150 °C, unless otherwise specified
and supply voltage range VS = 8 ... 20V; fPWM = 20kHz;
VBxx>7.5V
min
typ
max
dI /dt limitation
Non reaction level for dI/dt limitation (100% gate
driver capability) @ VDIDT>0V
VDIDT
2
--
--
V
Non reaction level for dI/dt limitation (100% gate
driver capability) @ VDIDT<0V
VDIDT
--
--
-2
V
Max. VGxx at full reaction level for dI/dt limitation @
VDIDT = -5V
@ TJ = -40°C
@ TJ = +25°C
@ TJ = +150°C
VGxx(DIDT)
--
--
--
1.9
2.3
3.4
3.0
3.0
4.2
V
Min. falltime at full reaction level for dI/dt limitation
@ VDIDT = +5V
@ TJ = -40°C
@ TJ = +25°C
@ TJ = +150°C
tfall (DIDT)
20
20
20
65
68
70
--
--
--
µs
Impedance of DIDT Pin to GND
10kHz<f<10MHz; VDIDT = 5V
ZDIDT
60
Ω
Default status of input pins:
To assure a defined status of all input pins in case of disconnection, these pins are internally
secured by pull-up or pull-down current sources with approx. 10µA.
The following table shows the default status of each input pin.
Input pin
Default status
ILx
Low (ext. Mosfet off)
IHx
High (ext. Mosfet off)
DIDT
Low (no dI/dt limitation)
DT
2µs dead time
MFP
Disable (pull-down)
15
2004-03-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com