Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE6280GP Datasheet HTML 15Page - Infineon Technologies AG TLE6280GP Datasheet HTML 16Page - Infineon Technologies AG TLE6280GP Datasheet HTML 17Page - Infineon Technologies AG TLE6280GP Datasheet HTML 18Page - Infineon Technologies AG TLE6280GP Datasheet HTML 19Page - Infineon Technologies AG TLE6280GP Datasheet HTML 20Page - Infineon Technologies AG TLE6280GP Datasheet HTML 21Page - Infineon Technologies AG TLE6280GP Datasheet HTML 22Page - Infineon Technologies AG TLE6280GP Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Datasheet TLE6280GP
Typ. undervoltage shut down level
5
5,5
6
6,5
7
7,5
-40
-20
0
204060
80
100
120
140
Temperature [°C]
Fig. 11: Typ. undervoltage shut down (Voltage of
bootstrap capacitors)
Typ. Current consumption of output stage
Conditions:
Vs=12V; measured with V(BHx=12V) and potentiometer between SHx and GND
Parameter:
MFP voltage / TJunction
0
0,2
0,4
0,6
0,8
1
1,2
1,4
1,6
1,8
56789
10
11
V(Bxx)-V(Sxx) [V]
2V 150°C
4V 150°C
5V 150°C
2V 25°C
4V 25°C
5V 25°C
2V -40°C
4V -40°C
5V -40°C
Fig. 12: Leakage current of driver output stages measured
as current out of SH Pin to GND
Remark:
The leakage current of the driver output stage is taken from the bootstrap capacitors CBX. When an external
high-side Mosfet is switched on, it is impossible to replace this current. The capacitor will be discharged as long
as this Mosfet stays on. The time until this output stage reaches the undervoltage shut-down can be determined
by the size of the capacitor, the initial capacitor voltage, the leakage current taken out of this capacitor and the
undervoltage lock-out level.
19
2004-03-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com