Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F821 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F821
Description  10-Bit D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F821 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F821 Datasheet HTML 1Page - National Semiconductor (TI) 74F821 Datasheet HTML 2Page - National Semiconductor (TI) 74F821 Datasheet HTML 3Page - National Semiconductor (TI) 74F821 Datasheet HTML 4Page - National Semiconductor (TI) 74F821 Datasheet HTML 5Page - National Semiconductor (TI) 74F821 Datasheet HTML 6Page - National Semiconductor (TI) 74F821 Datasheet HTML 7Page - National Semiconductor (TI) 74F821 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock Frequency
100
150
60
70
MHz
tPLH
Propagation Delay
20
64
95
20
105
20
105
ns
tPHL
CP to On
20
62
95
20
105
20
105
tPZH
Output Enable Time
20
58
105
20
130
20
115
tPZL
OE to On
20
63
105
20
130
20
115
ns
tPHZ
Output Disable Time
15
34
70
10
75
15
75
tPLZ
OE to On
15
35
70
10
75
15
75
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
25
40
30
ts(L)
Dn to CP
25
40
30
ns
th(H)
Hold Time HIGH or LOW
25
25
25
th(L)
Dn to CP
25
25
25
tw(H)
CP Pulse Width
50
60
60
ns
tw(L)
HIGH or LOW
50
60
60
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com