Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F821 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F821
Description  10-Bit D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F821 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F821 Datasheet HTML 1Page - National Semiconductor (TI) 74F821 Datasheet HTML 2Page - National Semiconductor (TI) 74F821 Datasheet HTML 3Page - National Semiconductor (TI) 74F821 Datasheet HTML 4Page - National Semiconductor (TI) 74F821 Datasheet HTML 5Page - National Semiconductor (TI) 74F821 Datasheet HTML 6Page - National Semiconductor (TI) 74F821 Datasheet HTML 7Page - National Semiconductor (TI) 74F821 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D9
Data Inputs
1010
20 mA b06 mA
OE
Output Enable
1010
20 mA b06 mA
TRI-STATE Input
CP
Clock Input
1010
20 mA b06 mA
O0–O9
TRI-STATE Outputs
15040 (333)
b
30 mA24 mA (20 mA)
Functional Description
The ’F821 consists of ten D-type edge-triggered flip-flops
This device has TRI-STATE true outputs for bus systems
organized in a broadside pinning The buffered Clock (CP)
and buffered Output Enable (OE) are common to all flip-
flops The flip-flops will store the state of their individual D
inputs that meet the setup and hold times requirements on
the LOW-to-HIGH CP transition With the OE LOW the con-
tent of the flip-flops are available at the outputs When the
OE is HIGH the outputs go to the high impedance state
Operation of the OE input does not affect the state of the
flip-flops
Function Table
Inputs
Internal
Output
Function
OE
CP
D
Q
O
H
H
X
NC
Z
Hold
H
L
X
NC
Z
Hold
H
L
L
H
Z
Load
H
L H
L
Z
Load
L
L
L
H
L
Data Available
L
L H
L
H
Data Available
L
H
X
NC
NC
No Change in Data
L
L
X
NC
NC
No Change in Data
L e LOW Voltage Level
H e HIGH Voltage Level
X e Immaterial
Z e High Impedance
L e LOW-to-HIGH Transition
NC e No Change
Logic Diagram
TLF9595 – 4
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com