Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6280
Description  3-Phase Bridge Driver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6280 Datasheet HTML 1Page - Infineon Technologies AG TLE6280 Datasheet HTML 2Page - Infineon Technologies AG TLE6280 Datasheet HTML 3Page - Infineon Technologies AG TLE6280 Datasheet HTML 4Page - Infineon Technologies AG TLE6280 Datasheet HTML 5Page - Infineon Technologies AG TLE6280 Datasheet HTML 6Page - Infineon Technologies AG TLE6280 Datasheet HTML 7Page - Infineon Technologies AG TLE6280 Datasheet HTML 8Page - Infineon Technologies AG TLE6280 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Datasheet TLE6280GP
Application Block Diagram
SH1
V
S=12V
C
1000µF
C
DI/DT
12nF
µC
GH1
R
Q
50 k
Ω
SH2
GH2
BH2
GL1
GL2
VS
V
CC
ERR
MFP
R
Q
82 k
Ω
IL1
IH1
C
BH1
220nF
C
BH2
220nF
C
VS
1µF
R
VS
10
Ω
GND
BH1
SL1
SH3
GH3
BH3
C
BH3
220nF
SL2
GL3
SL3
DI/DT
R
DI/DT
100
Ω
R
Q
20 k
Ω
V
5=5V
IL2
IH2
IL3
IH3
GND
CH
CL
C
CP
1.5µF
VDH
DT
R
DT
50 k
Ω
BH3
C
BL3
220nF
BL2
C
BL2
220nF
BL1
C
BL1
220nF
TLE6280GP
P-GND
P-GND
Fig. 1 : Application circuit
Remark: This application diagram is one possible implementation of this driver IC. There is, e.g., the
possibility to link all three BLx pins and use only one capacitor.
2
2004-03-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com