Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE6280
Description  3-Phase Bridge Driver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE6280 Datasheet HTML 16Page - Infineon Technologies AG TLE6280 Datasheet HTML 17Page - Infineon Technologies AG TLE6280 Datasheet HTML 18Page - Infineon Technologies AG TLE6280 Datasheet HTML 19Page - Infineon Technologies AG TLE6280 Datasheet HTML 20Page - Infineon Technologies AG TLE6280 Datasheet HTML 21Page - Infineon Technologies AG TLE6280 Datasheet HTML 22Page - Infineon Technologies AG TLE6280 Datasheet HTML 23Page - Infineon Technologies AG TLE6280 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Datasheet TLE6280GP
Typ. Switching behavior
Conditions:
Vs=12V; Vbb=12V; ILoad = 10A; VMFP=3.75V; RGate =1
Ω; R
DT=10k
Ω; C
Bxx =220nF; CCP=1,5µF;
one SPB80N04 S2-04 per output with QG(total) = 135nC; Measured: V(DS)
0
2
4
6
8
10
12
14
16
18
20
0
0,1
0,20,3
0,4
0,5
0,60,7
0,80,9
1
time [µs]
V(GS)
V(DS)
Fig. 17: typ. fall-time at 25°C
0
2
4
6
8
10
12
14
00,2
0,4
0,6
0,811,2
1,4
time [µs]
V(GS)
V(DS)
Fig. 18: typ. rise-time at 25°C
0
20
40
60
80
100
120
140
160
180
-40
-20
0
20
406080
100
120
140
Temperature Tj [°C]
fall time
rise time
Fig. 19: Rise- and fall-times vs. temperature TJ
22
2004-03-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com