Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699E-ZPC Datasheet(PDF) 39 Page - Aeroflex Circuit Technology

Part # UT699E-ZPC
Description  UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699E-ZPC Datasheet(HTML) 39 Page - Aeroflex Circuit Technology

Back Button UT699E-ZPC Datasheet HTML 33Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 34Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 35Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 36Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 37Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 38Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 39Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 40Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 41Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
39
Aeroflex Microelectronics Solutions - HiRel
36-00-00-001
Ver. 1.5.0
UT699E LEON 3FT: SMD
Package Option
Associated Lead Finish
(X) 484-CLGA
(C) Gold
(Y) 484-CCGA
(F) Solder
Lead Finish: (NOTE: 1)
(C) = Gold
(F) = Solder
Case Outline:
(X) = 484-Ceramic Land Grid Array Package
(Y) = 484-Ceramic Column Grid Array
Screening Level:
(Q) = QML Class Q
(V) = QML Class V
Device Type:
(01) = UT699E (Temperature range: -55oC to +105oC)
(02) = UT699E Assembled to Aeroflex’s Q+ Flow (Temp range: -55oC to +105oC)
Drawing Number:
13237
Total Dose:
(R) = 1E5 rad(Si)
Federal Stock Class Number: No Options
5962
*
13237
**
*
*
*
Notes:
1. Lead finish is “C” (gold) only for case outlines "X". Lead finish is "F" (solder) only for case outline "Y".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com