Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699E-ZPC Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT699E-ZPC
Description  UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699E-ZPC Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT699E-ZPC Datasheet HTML 1Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
Aeroflex Microelectronics Solutions - HiRel
36-00-00-001
Ver. 1.5.0
1.0 Introduction
The UT699E LEON 3FT processor is based upon the industry-standard SPARC V8 architecture. The system-on-chip incorporates
the SPARC V8 core and the peripheral blocks indicated below. The core and peripherals communicate internally via the AMBA
(Advanced Microcontroller Bus Architecture) interconnect. This bus is comprised of the AHB (Advanced High-speed Bus) which is
used for high-speed data transfer, and the APB (Advanced Peripheral Bus) which is used for low-speed data transfer.
Figure 1. UT699E Functional Block Diagram
The LEON 3FT architecture includes the following peripheral blocks:
•
LEON3 SPARC V8 integer unit with 16kB instruction cache and 16kB of data cache
•
IEEE-754 floating point unit
•
Debug support unit
•
UART, JTAG, SpaceWire, and PCI debug links
•
8/16/32-bit memory controller with EDAC for external PROM and SRAM
•
32-bit SDRAM controller with EDAC for external SDRAM
•
Timer unit with three 32-bit timers and watchdog
•
Interrupt controller for 15 interrupts in two priority levels
•
16-bit general purpose I/O port (GPIO) which can be used as external interrupt sources
•
Up to four SpaceWire links with RMAP on all channels
•
Up to two CAN controllers
•
Ethernet with support for MII
•
cPCI interface with 8-channel arbiter
AMBA AHB
Timers
IrqCtrl
AMBA APB
8/16/32-bits memory bus
Debug
Support Unit
AHB interface
LEON 3FT
Memory
Controller
AHB/APB
Bridge
I/O port
UART
IEEE754
FPU
MUL/DIV
MMU
PCI
CAN-2.0
AHB Ctrl
Serial/JTAG
Debug Link
4x SpW
Bridge
Ethernet
MAC
D-cache
4x4K
I-cache
512 MB
PROM
256 MB
I/O
Up t o1GB
SRAM
4x4K
D-cache
Up to 1GB
SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com