Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT700E-CPC Datasheet(PDF) 46 Page - Aeroflex Circuit Technology

Part # UT700E-CPC
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700E-CPC Datasheet(HTML) 46 Page - Aeroflex Circuit Technology

Back Button UT700E-CPC Datasheet HTML 38Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 39Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 40Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 41Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 42Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 43Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 44Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 45Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 46Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
46
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
DATA SHEET REVISION HISTORY
Revision &
Date
Description of Change
11/19/13
Ver. 1.0.0
Release of Preliminary Data Sheet
8/26/14
Ver. 1.1.0
Release Production Datasheet
Page 1: Corrected SEL Immune
Page 17: Corrected VDDC, VDD limits, and note 3 temperature
Page 18: Moved Operational Environment table from section 5 to 3.3 and updated
Page 19: Added IDDCS, IDDS limits from TBD
Page 20: Added IIN and IIN limits (to bound the range for pull up/down resistors)
Page 22: Corrected tDSD limits
Page 23: Corrected IIN and IOZ limits
Page 32: Corrected symbols t14, t15, t16, and the corresponding timing diagrams
Page 39: Moved the Operational Environment table to section 3.3 on page 18
Pages 40-42: Corrected package drawings
11/21/14
1.2.0
Page 2: Changed Figure 1 Data and Instr Cache Values from 2x4kB to 4x4kB
Page 16: Added GPIO[2] entry to Bootstrap signals table.
Page 28:Re-wrote section 4.1.4
Page 43:Corrected SMD lead finish designator.
Page All: Added Footer
March 2015
Ver. 1.3.1
Page 17: Removed note 3 and changed the maximum junction temperature value from 125°C to 150°C in the
Absolute Maximum Ratings Table.
Page 26: Rewrote section 4.1.1 on power sequencing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com