Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT700E-CPC Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT700E-CPC
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700E-CPC Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT700E-CPC Datasheet HTML 1Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
FEATURES
 Supports up to 166 MHz clock rate
 Separate instruction and data cache architecture
 High-performance fully pipelined IEEE-754 FPU
 Enhanced pipeline with 1.2 DMIPS / MHz performance
 Implemented on 130nm CMOS technology
 Internally configured clock network
 Power saving 1.2V core power supply
 3.3V I/O compatibility
 Hardened-by-design flip-flops and memory cells
 Reed Solomon EDAC
 Multifunctional memory controller
 10/100 Base-T Ethernet port for VxWorks development
 Integrated PCI 2.2 compatible core
 Four integrated multi-protocol SpaceWire nodes that
support the RMAP protocol
 SPI interface
 Two CAN 2.0 compliant bus interfaces
 MIL-STD-1553 BC/RT/MT
 -55oC to +105oC temperature range
 Operational environment:
- Intrinsic total-dose: 100 krad(Si)
- SEL Immune <110 MeV-cm2/mg
 Packaging options:
- 484-pin Ceramic Land Grid, Column Grid and Ball
Grid Array packages
 Standard Microcircuit Drawing 5962-13238
- QML Q, Q+, and V
 Applications
- Nuclear power plant controls
- Critical transportation systems
- High-altitude avionics
- Medical electronics
- X-Ray cargo scanning
- Spaceborne computer
- System controller boards
- Avionics processing boards
INTRODUCTION
The UT700 features a seven stage pipelined monolithic, high-
performance, fault-tolerant SPARCTM V8/LEON 3FT
Processor. L1 cache consists of 16kB for both instruction and
data caches. A Reed Solomon EDAC provides fault-tolerant
protection for SDRAM. Integer performance is 1.2 DMIPS /
MHz. RMAP protocol is supported for all four SpaceWire ports.
The UT700 provides a 32-bit master/target PCI interface,
including a 16 bit user I/O interface for off-chip peripherals. A
compliant 2.0 AMBA bus interface integrates the on-chip LEON
3FT, SpaceWire, Ethernet, memory controller, cPCI, CAN bus,
MIL-STD-1553, SPI and programmable interrupt peripherals.
The UT700 is SPARC V8 compliant; therefore, developers may
use industry standard compilers, kernels, and development
tools. A full software development suite is available including
a C/C++ cross-compiler system based on GCC and the Newlib
embedded C-library.
BCC includes a small run-time kernel with interrupt support and
Pthreads library. For multi-threaded applications, a SPARCTM
compliant port of the eCos real-time kernel, RTEMS 4.10, and
VxWorks 6.x is supported.
Standard Products
UT700 32-bit Fault-Tolerant
SPARCTM V8/LEON 3FT Processor
Datasheet
March 2015
www.aeroflex.com/LEON


Similar Part No. - UT700E-CPC

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT70 WILLOW-UT70 Datasheet
864Kb / 2P
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT70 ETC-UT70 Datasheet
158Kb / 2P
Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Unisonic Technologies
UT70N03 UTC-UT70N03 Datasheet
151Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UT70N03 VBSEMI-UT70N03 Datasheet
1,002Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UT70N03G-TM3-T UTC-UT70N03G-TM3-T Datasheet
151Kb / 3P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT700E-CPC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
Rad-Hard 32 bit SPARC V8 Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
Rad-Hard 32-bit SPARC v8 Processor
logo
Aeroflex Circuit Techno...
UT699 AEROFLEX-UT699 Datasheet
362Kb / 41P
UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT699E AEROFLEX-UT699E Datasheet
348Kb / 41P
UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
logo
NEC
R320C NEC-R320C Datasheet
947Kb / 2P
Fault Tolerant Server
R320D NEC-R320D Datasheet
956Kb / 2P
Fault Tolerant Server
R320E NEC-R320E Datasheet
787Kb / 2P
Fault Tolerant Server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com