Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7230R Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE7230R Datasheet HTML 1Page - Infineon Technologies AG TLE7230R Datasheet HTML 2Page - Infineon Technologies AG TLE7230R Datasheet HTML 3Page - Infineon Technologies AG TLE7230R Datasheet HTML 4Page - Infineon Technologies AG TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Target Datasheet TLE7230 R/G
V1.1
Page
12. Oct. 2003
2
Power SO 36 package
Pin Description
Pin Configuration (Top view)
Pin Symbol
Function
1
GND
Ground
2
NC
not connected
3
NC
not connected
4
OUT1
Output Channel 1
5
OUT2
Output Channel 2
6
IN1
Input Channel 1
7
IN2
Input Channel 2
8
VS
Supply Voltage
9
Reset
Reset
10
CS
Chip Select
11
PRG
Program
12
IN3
Input Channel 3
13
IN4
Input Channel 4
14
OUT3
Output Channel 3
15
OUT4
Output Channel 4
16
NC
not connected
17
NC
not connected
18
GND
Ground
19
GND
Ground
20
NC
not connected
21
NC
not connected
22
OUT5
Output Channel 5
23
OUT6
Output Channel 6
24
NC
not connected
25
VDO
Supply for digital
Outputs
26
Fault
General Fault Flag
27
SO
Serial Data Output
28
SCLK
Serial Clock
29
SI
Serial Data Input
30
NC
not connected
31
NC
not connected
32
OUT7
Output Channel 7
33
OUT8
Output Channel 8
34
NC
not connected
35
NC
not connected
36
GND
Ground
Heat Slug internally connected to ground pins
1 GND
GND 36
2 NC
NC 35
3 NC
NC 34
4 Out1
Out8 33
5 Out2
Out7 32
6 IN1
NC 31
7 IN2
NC 30
8 VS
SI 29
9 Reset
SCLK 28
10 CS
SO 27
11 PRG
Fault 26
12 IN3
VDO 25
13 IN4
NC 24
14 Out3
Out6 23
15 Out4
Out5 22
16 NC
NC 21
17 NC
NC 20
18 GND
GND 19
Power- P-DSO-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com