Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7230R Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7230R Datasheet HTML 1Page - Infineon Technologies AG TLE7230R Datasheet HTML 2Page - Infineon Technologies AG TLE7230R Datasheet HTML 3Page - Infineon Technologies AG TLE7230R Datasheet HTML 4Page - Infineon Technologies AG TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Target Datasheet TLE7230 R/G
V1.1
Page
12. Oct. 2003
3
SO 24 package (thermal enhanced)
Pin Description
Pin Configuration (Top view)
Pin Symbol
Function
1
CS
Chip Select
2
IN
Mappable input
3
OUT3
Output Channel 3
4
OUT4
Output Channel 4
5
GND
Ground
6
GND
Ground
7
GND
Ground
8
GND
Ground
9
OUT5
Output Channel 5
10
OUT6
Output Channel 6
11
VDO
Supply for digital
Outputs
12
SO
Serial Data Output
13
SCLK
Serial Clock
14
SI
Serial Data Input
15
OUT7
Output Channel 7
16
OUT8
Output Channel 8
17
GND
Ground
18
GND
Ground
19
GND
Ground
20
GND
Ground
21
OUT1
Output Channel 1
22
OUT2
Output Channel 2
23
VS
Supply Voltage
24
Reset
Reset
Heat Slug internally connected to ground pins
1 CS
Reset 24
2 IN
Vs 23
3 Out3
Out2 22
4 Out4
Out1 21
5 GND
GND 20
6 GND
GND 19
7 GND
GND 18
8 GND
GND 17
9 Out5
Out8 16
10 Out6
Out7 15
11 VDO
SI 14
12 SO
SCLK 13
P-DSO-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com