Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7719 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7719
Description  Airbag Satellite Receive IC (SatRIC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7719 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7719 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Information
1
V1.0, 2002-12-02
Airbag Satellite Receive IC (SatRIC)
TLE 7719
Overview
Features
• Receiver for current modulated data from 4 satellite
channels
• Max. data rate 125 kBaud
• Decoding of 2 Manchester Protocols, programmable
data length (up to 16 bit)
• Channel configuration in pairs (Data length, Code
Type)
• Programmable sample clock generator with two clock options: internal system clock
(1 MHz) or external clock line (up to 2 MHz)
• Supply of satellite channels via 4 independent +10.0 V voltage regulators
• Asynchronous and synchronous (automatic sync pulse generation) data transmission
modes
• Logic operating voltage 5.0 V
• 2 Digital outputs for voltage-converted received satellite signals
• 16-bit - SPI Interface with Daisy chain capability
• Burst Read function allows fast readout of all four received satellite data
• Constant current threshold level over wide range of satellite quiescent current
• Current limitation to prevent device destruction in case of satellite output shorted to
ground
• Leakage detection to GND or Supply Voltage; low line current detection
• Over-temperature shutdown for all channels
• Analogue output buffer for measurements via analog input of a
µC
Type
Package
TLE 7719
P-TSSOP-28


Similar Part No. - TLE7719

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7729 INFINEON-TLE7729 Datasheet
187Kb / 2P
4 Channel Airbag Satellite Receiver IC SatRICTM
More results

Similar Description - TLE7719

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
Satellite Zero IF QPSK Tuner IC
logo
Siemens Semiconductor G...
TDA6151-5 SIEMENS-TDA6151-5 Datasheet
678Kb / 15P
Satellite-Video IC
logo
ATMEL Corporation
T0980 ATMEL-T0980 Datasheet
264Kb / 8P
SiGe Transmit/ Receive Frontend IC
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
Airbag Power Supply IC
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
Digital Satellite Tuner RF IC
logo
Infineon Technologies A...
TLE7729 INFINEON-TLE7729 Datasheet
187Kb / 2P
4 Channel Airbag Satellite Receiver IC SatRICTM
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
L9679P STMICROELECTRONICS-L9679P Datasheet
2Mb / 272P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
L9680 STMICROELECTRONICS-L9680 Datasheet
2Mb / 277P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com