Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F823 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F823
Description  9-Bit D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F823 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  74F823 Datasheet HTML 1Page - National Semiconductor (TI) 74F823 Datasheet HTML 2Page - National Semiconductor (TI) 74F823 Datasheet HTML 3Page - National Semiconductor (TI) 74F823 Datasheet HTML 4Page - National Semiconductor (TI) 74F823 Datasheet HTML 5Page - National Semiconductor (TI) 74F823 Datasheet HTML 6Page - National Semiconductor (TI) 74F823 Datasheet HTML 7Page - National Semiconductor (TI) 74F823 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Functional Description
The ’F823 device consists of nine D-type edge-triggered
flip-flops It has TRI-STATE true outputs and is organized in
broadside pinning The buffered Clock (CP) and buffered
Output Enable (OE) are common to all flip-flops The flip-
flops will store the state of their individual D inputs that meet
the setup and hold times requirements on the LOW-to-HIGH
CP transition With the OE LOW the contents of the flip-
flops are available at the outputs When the OE is HIGH the
outputs go to the high impedance state Operation of the
OE input does not affect the state of the flip-flops In addi-
tion to the Clock and Output Enable pins the ’F823 has
Clear (CLR) and Clock Enable (EN) pins
When the CLR is LOW and the OE is LOW the outputs are
LOW When CLR is HIGH data can be entered into the flip-
flops When EN is LOW data on the inputs is transferred to
the outputs on the LOW to HIGH clock transition When the
EN is HIGH the outputs do not change state regardless of
the data or clock inputs transitions This device is ideal for
parity bus interfacing in high performance systems
Function Table
Inputs
Internal
Output
Function
OE
CLR
EN
CP
D
Q
O
H
H
L
H
X
NC
Z
Hold
H
H
L
L
X
NC
Z
Hold
H
H
H
X
X
NC
Z
Hold
L
H
H
X
X
NC
NC
Hold
H
L
X
X
X
H
Z
Clear
L
L
X
X
X
H
L
Clear
HH
L
L
H
H
Z
Load
HH
L
L
H
L
Z
Load
LH
L
L
L
H
L
Data Available
LH
L
L
H
L
H
Data Available
L
H
L
H
X
NC
NC
No Change in Data
L
H
L
L
X
NC
NC
No Change in Data
L e LOW Voltage Level
H e HIGH Voltage Level
X e Immaterial
Z e High Impedance
L e LOW-to-HIGH Transition
NC e No Change
Logic Diagram
TLF9596 – 5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com