Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F823 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F823
Description  9-Bit D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F823 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F823 Datasheet HTML 1Page - National Semiconductor (TI) 74F823 Datasheet HTML 2Page - National Semiconductor (TI) 74F823 Datasheet HTML 3Page - National Semiconductor (TI) 74F823 Datasheet HTML 4Page - National Semiconductor (TI) 74F823 Datasheet HTML 5Page - National Semiconductor (TI) 74F823 Datasheet HTML 6Page - National Semiconductor (TI) 74F823 Datasheet HTML 7Page - National Semiconductor (TI) 74F823 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
Pin Names
Description
54F74F
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D8
Data Inputs
1010
20 mA b06 mA
OE
Output Enable Input
1010
20 mA b06 mA
CLR
Clear
1010
20 mA b06 mA
CP
Clock Input
1020
20 mA b12 mA
EN
Clock Enable
1010
20 mA b06 mA
O0–O8
TRI-STATE Outputs
15040 (333)
b
3 mA24 mA (20 mA)
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com