Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS193 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS193
Description  Synchronous 4-Bit Up-Down Dual Clock Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS193 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS193 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS193 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS193 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS193 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS193 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS193 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS193 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS193 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS193 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS193/UT54ACTS193
Synchronous 4-Bit Up-Down Dual Clock Counters
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
Look-ahead circuitry enhances cascaded counters
Fully synchronous in count modes
Parallel asynchronous load for modulo-N count lengths
Asynchronous clear
1.2μ CMOS (ACTS193) and .6μm CRH CMOS process
(ACS193)
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 16-pin DIP
- 16-lead flatpack
UT54ACS193 - SMD 5962-96566
UT54ACTS193 - SMD 5962-96567
DESCRIPTION
The UT54ACS193 and the UT54ACTS193 are synchronous 4-
bit, binary reversible up-down binary counters. Synchronous
operation is provided by having all flip-flops clocked
simultaneously so that the outputs change coincident with each
other when instructed. Synchronous operation eliminates the
output counting spikes normally associated with asynchronous
counters.
The outputs of the four flip-flops are triggered on a low-to-high-
level transition of either count input (Up or Down). The direc-
tion of the counting is determined by which count input is pulsed
while the other count input is high.
The counters are fully programmable. The outputs may be preset
to either level by placing a low on the load input and entering
the desired data at the data inputs. The output will change to
agree with the data inputs independently of the count pulses.
Asynchronous loading allows the counters to be used as modulo-
N dividers by simply modifying the count length with the preset
inputs.
A clear input has been provided that forces all outputs to the low
level when a high level is applied. The clear function is inde-
pendent of the count and the load inputs.
The counter is designed for efficient cascading without the need
for external circuitry. The borrow output (BO) produces a low-
level pulse while the count is zero and the down input is low.
Similarly, the carry output (CO) produces a low-level pulse
while the count is maximum
PINOUTS
16-Pin DIP
Top View
16-Lead Flatpack
Top View
FUNCTION TABLE
FUNCTION
CLOCK
UP
CLOCK
DOWN
CLR
LOAD
Count Up
↑
H
L
H
Count Down
H
↑
L
H
Reset
X
X
H
X
Load Preset
Input
X
X
L
L
1
2
3
4
5
7
6
16
15
14
13
12
10
11
B
QB
QA
DOWN
UP
QC
QD
VDD
A
CLR
BO
CO
C
8
9
VSS
D
LOAD
1
2
3
4
5
7
6
16
15
14
13
12
10
11
VDD
89
B
QB
QA
DOWN
UP
QC
QD
A
CLR
BO
CO
LOAD
C
VSS
D


Similar Part No. - UT54ACTS193

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS190 AEROFLEX-UT54ACTS190 Datasheet
266Kb / 10P
Synchronous 4-Bit Up-Down BCD Counters
UT54ACTS191 AEROFLEX-UT54ACTS191 Datasheet
258Kb / 10P
Synchronous 4-Bit Up-Down Binary Counters
More results

Similar Description - UT54ACTS193

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Oct-1992
logo
Texas Instruments
SN54ALS193A TI-SN54ALS193A Datasheet
130Kb / 8P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
SN54HC193 TI-SN54HC193 Datasheet
483Kb / 17P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
Hitachi Semiconductor
HD74LS193 HITACHI-HD74LS193 Datasheet
104Kb / 7P
Synchronous Up/Down 4-bit Binary Counters(dual clock lines)
logo
Texas Instruments
SN54192 TI-SN54192 Datasheet
846Kb / 22P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Aug-2001
M74HC191 STMICROELECTRONICS-M74HC191_01 Datasheet
566Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Aug-2001
logo
Texas Instruments
SN54HC193 TI1-SN54HC193_15 Datasheet
1Mb / 21P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com