Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG540AP/883 Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # DG540AP/883
Description  Wideband/Video T Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG540AP/883 Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button DG540AP/883 Datasheet HTML 2Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 3Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 4Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 5Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 6Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 7Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 8Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 9Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DG540/541/542
Siliconix
S-53694—Rev. E, 28-May-97
9
Applications (Cont’d)
Power Supplies
A useful feature of the DG54X family is its power supply
flexibility. It can be operated from a single positive supply
(V+) if required (V– connected to ground).
Note that the analog signal must not exceed V– by more
than –0.3 V to prevent forward biasing the substrate p-n
junction.
The use of a V– supply has a number of
advantages:
1. It allows flexibility in analog signal handling, i.e.,
with V- = -5 V and V+ = 12 V; up to "5 V ac
signals can be controlled.
2. The value of on capacitance [CS(on)] may be
reduced. A property known as `the bodyeffect' on
the DMOS
switch devices causes various
parametric effects to occur. One of these effects is
the reduction in CS(on) for an increasing V
body-source. Note, however, that to increase V-
normally requires V+ to be reduced (since V+ to
V- = 21 V max.). Reduction in V+ causes an
increase in rDS(on), hence a compromise has to be
achieved. It is also useful to note that optimum
video linearity performance (e.g., differential phase
and gain) occurs when V- is around -3 V.
3. V- eliminates the need to bias the analog signal
using potential dividers and large coupling
capacitors.
Decoupling
It is an established RF design practice to incorporate
sufficient bypass capacitors in the circuit to decouple the
power supplies to all active devices in the circuit. The
dynamic performance of the DG54X is adversely affected
by poor decoupling of power supply pins. Also, of even
more significance, since the substrate of the device is
connected to the negative supply, adequate decoupling of
this pin is essential.
Rules:
1. Decoupling capacitors should be incorporated on
all power supply pins (V+, V-). (See Figure 7.)
2. They should be mounted as close as possible to the
device pins.
3. Capacitors should have good high frequency
characteristics - tantalum bead and/or monolithic
ceramic types are adequate.
Suitable decoupling capacitors are 1 to 10 mF
tantalum bead, plus 10 to 100nF ceramic.
+
+
–3 V
GNDs
+15 V
DG540
V+
V–
S1
S2
S3
S4
D1
D2
D3
D4
C1
C2
C1
C2
C1 = 10 mF Tantalum
C2 = 0.1 mF Ceramic
Figure 7.
Supply Decoupling
Board Layout
PCB layout rules for good high frequency performance
must be observed to achieve the performance boasted by the
DG540. Some tips for minimizing stray effects are:
1. Use extensive ground planes on double sided PCB,
separating adjacent signal paths. Multilayer PCB is
even better.
2. Keep signal paths as short as practically possible,
with all channel paths of near equal length.
3. Careful arrangement of ground connections is also
very important. Star connected system grounds
eliminate signal current flowing through ground
path parasitic resistance from coupling between
channels.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com